Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiHF610S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SiHF610S
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiHF610S Datasheet(HTML) 1 Page - Vishay Siliconix

  SiHF610S Datasheet HTML 1Page - Vishay Siliconix SiHF610S Datasheet HTML 2Page - Vishay Siliconix SiHF610S Datasheet HTML 3Page - Vishay Siliconix SiHF610S Datasheet HTML 4Page - Vishay Siliconix SiHF610S Datasheet HTML 5Page - Vishay Siliconix SiHF610S Datasheet HTML 6Page - Vishay Siliconix SiHF610S Datasheet HTML 7Page - Vishay Siliconix SiHF610S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF610S, SiHF610S, IRF610L, SiHF610L
www.vishay.com
Vishay Siliconix
S15-1659-Rev. D, 20-Jul-15
1
Document Number: 91024
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Surface mount
• Available in tape and reel
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Fast switching
• Ease of paralleling
• Simple drive requirements
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
DESCRIPTION
Third generation power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK (TO-263) is a surface mount power package
capable of accommodating die sizes up to HEX-4. It
provides the highest power capability and the lowest
possible on-resistance in any existing surface mount
package. The D2PAK (TO-263) is suitable for high current
applications
because of
its
low
internal connection
resistance and can dissipate up to 2.0 W in a typical surface
mount application.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 8.8 mH, Rg = 25 , IAS = 3.3 A (see fig. 12).
c. ISD  3.3 A, dI/dt  70 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
200
RDS(on) ()VGS = 10 V
1.5
Qg (Max.) (nC)
8.2
Qgs (nC)
1.8
Qgd (nC)
4.5
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
G
D
S
Available
Available
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free and halogen-free
SiHF610S-GE3
SiHF610STRL-GE3 a
SiHF610STRR-GE3 a
SiHF610L-GE3 a
Lead (Pb)-free
IRF610SPbF
IRF610STRLPbF a
IRF610STRRPbF a
IRF610LPbF a
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
3.3
A
TC = 100 °C
2.1
Pulsed Drain Current a
IDM
10
Linear Derating Factor
0.29
W/°C
Linear Derating Factor (PCB mount) e
0.025
Single Pulse Avalanche Energy b
EAS
64
mJ
Repetitive Avalanche Current a
IAR
3.3
A
Repetitive Avalanche Energy a
EAR
3.6
mJ
Maximum Power Dissipation
TC = 25 °C
PD
36
W
Maximum Power Dissipation (PCB mount) e
TA = 25 °C
3.0
Peak Diode Recovery dV/dt c
dV/dt
5.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Soldering Recommendations (Peak temperature) d
for 10 s
300


Similar Part No. - SiHF610S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF610S VISHAY-SIHF610S Datasheet
248Kb / 10P
   Power MOSFET
01-Jan-2022
SIHF610S-GE3 VISHAY-SIHF610S-GE3 Datasheet
237Kb / 10P
   Power MOSFET
01-Jan-2022
SIHF610STRL-GE3A VISHAY-SIHF610STRL-GE3A Datasheet
237Kb / 10P
   Power MOSFET
01-Jan-2022
SIHF610STRR-GE3A VISHAY-SIHF610STRR-GE3A Datasheet
237Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SiHF610S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com