Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA240 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA240
Description  INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 5 Page - Texas Instruments

  INA240_17 Datasheet HTML 1Page - Texas Instruments INA240_17 Datasheet HTML 2Page - Texas Instruments INA240_17 Datasheet HTML 3Page - Texas Instruments INA240_17 Datasheet HTML 4Page - Texas Instruments INA240_17 Datasheet HTML 5Page - Texas Instruments INA240_17 Datasheet HTML 6Page - Texas Instruments INA240_17 Datasheet HTML 7Page - Texas Instruments INA240_17 Datasheet HTML 8Page - Texas Instruments INA240_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
INA240
www.ti.com
SBOS662A – JULY 2016 – REVISED OCTOBER 2016
Product Folder Links: INA240
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
See Figure 13.
(2)
See the Input Signal Bandwidth section for more details.
7.5 Electrical Characteristics
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN–, VCM = 12 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
VIN+ = –4 V to 80 V, VSENSE = 0 mV,
TA = – 40°C to +125°C
–4
80
V
CMRR
Common-mode rejection ratio
VIN+ = –4 V to 80 V, VSENSE = 0 mV,
TA = –40°C to +125°C
120
132
dB
f = 50 kHz
93
VOS
Offset voltage, input-referred
VSENSE = 0 mV
±5
±25
µV
dVOS/dT
Offset voltage drift
VSENSE = 0 mV, TA = –40°C to +125°C
±50
±250
nV/°C
PSRR
Power-supply rejection ratio
VS = 2.7 V to 5.5 V, VSENSE = 0 mV,
TA = –40°C to +125°C
±1
±10
µV/V
IB
Input bias current
IB+, IB–, VSENSE = 0 mV
90
µA
Reference input range
0
VS
V
OUTPUT
G
Gain
INA240A1
20
V/V
INA240A2
50
INA240A3
100
INA240A4
200
Gain error
GND + 50 mV
≤ VOUT ≤ VS – 200 mV
±0.05%
±0.20%
TA = –40°C to +125°C
±0.5
±2.5
ppm/°C
Non-linearity error
GND + 10 mV
≤ VOUT ≤ VS – 200 mV
±0.01%
Reference divider accuracy
VOUT = |(VREF1 – VREF2)| / 2 at VSENSE =
0 mV, TA = –40°C to +125°C
0.02%
0.1%
RVRR
Reference voltage rejection ratio
(input-referred)
INA240A1
20
µV/V
INA240A3
5
INA240A2, INA240A4
2
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT(1)
Swing to VS power-supply rail
RL = 10 kΩ to GND,
TA = –40°C to +125°C
VS – 0.05
VS – 0.2
V
Swing to GND
RL = 10 kΩ to GND, VSENSE = 0 mV,
VREF1 = VREF2 = 0 V, TA = –40°C to
+125°C
VGND + 1
VGND + 10
mV
FREQUENCY RESPONSE
BW
Bandwidth
All gains, –3-dB bandwidth
400
kHz
All gains, 2% THD+N(2)
100
Settling time - output settles to 0.5% of
final value
INA240A1
9.6
µs
INA240A4
9.8
SR
Slew rate
2
V/µs
NOISE (Input Referred)
Voltage noise density
40
nV/
√Hz
POWER SUPPLY
VS
Operating voltage range
TA = –40°C to +125°C
2.7
5.5
V
IQ
Quiescent current
VSENSE = 0 mV
1.8
2.4
mA
IQ vs temperature, TA = –40°C to
+125°C
2.6
TEMPERATURE RANGE
Specified range
–40
125
°C


Similar Part No. - INA240_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240A1 TI1-INA240A1 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A1-Q1 TI1-INA240A1-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
INA240A1EDRQ1 TI1-INA240A1EDRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
INA240A1PW TI1-INA240A1PW Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA240A1PW TI1-INA240A1PW Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
More results

Similar Description - INA240_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-Q1 TI1-INA240-Q1_17 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
   Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com