Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR826ADP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIR826ADP
Description  N-Channel 80 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR826ADP Datasheet(HTML) 2 Page - Vishay Siliconix

  SIR826ADP Datasheet HTML 1Page - Vishay Siliconix SIR826ADP Datasheet HTML 2Page - Vishay Siliconix SIR826ADP Datasheet HTML 3Page - Vishay Siliconix SIR826ADP Datasheet HTML 4Page - Vishay Siliconix SIR826ADP Datasheet HTML 5Page - Vishay Siliconix SIR826ADP Datasheet HTML 6Page - Vishay Siliconix SIR826ADP Datasheet HTML 7Page - Vishay Siliconix SIR826ADP Datasheet HTML 8Page - Vishay Siliconix SIR826ADP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SiR826ADP
www.vishay.com
Vishay Siliconix
S14-1081-Rev. B, 26-May-14
2
Document Number: 62569
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
80
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 μA
-47
-
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
--5.7
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.2
-
2.8
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
-
-
1
μA
VDS = 80 V, VGS = 0 V, TJ = 55 °C
-
-
10
On-State Drain Current a
ID(on)
VDS
≥ 5 V, VGS = 10 V
30
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V, ID = 20 A
-
0.0046
0.0055
Ω
VGS = 7.5 V, ID = 20 A
-
0.0049
0.0059
VGS = 4.5 V, ID = 15 A
-
0.0062
0.0087
Forward Transconductance a
gfs
VDS = 10 V, ID = 20 A
-
68
-
S
Dynamic b
Input Capacitance
Ciss
VDS = 40 V, VGS = 0 V, f = 1 MHz
-
2800
-
pF
Output Capacitance
Coss
-
1100
-
Reverse Transfer Capacitance
Crss
-93
-
Total Gate Charge
Qg
VDS = 40 V, VGS = 10 V, ID = 20 A
-
57
86
nC
VDS = 40 V, VGS = 7.5 V, ID = 20 A
-
42
63
VDS = 40 V, VGS = 4.5 V, ID = 20 A
-25
38
Gate-Source Charge
Qgs
-8.5
-
Gate-Drain Charge
Qgd
-10
-
Output Charge
Qoss
VDS = 40 V, VGS = 0 V
-
70
105
Gate Resistance
Rg
f = 1 MHz
0.3
0.95
1.9
Ω
Turn-On Delay Time
td(on)
VDD = 40 V, RL = 2
Ω
ID
≅ 20 A, VGEN = 10 V, Rg = 1 Ω
-9
18
ns
Rise Time
tr
-12
24
Turn-Off Delay Time
td(off)
-34
68
Fall Time
tf
-7
14
Turn-On Delay Time
td(on)
VDD = 40 V, RL = 2
Ω
ID
≅ 20 A, VGEN = 7.5 V, Rg = 1 Ω
-16
32
Rise Time
tr
-15
30
Turn-Off Delay Time
td(off)
-32
64
Fall Time
tf
-8
16
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
60
A
Pulse Diode Forward Current a
ISM
--
100
Body Diode Voltage
VSD
IS = 5 A
-
0.73
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 20 A, dI/dt = 100 A/μs, TJ = 25 °C
-
53
105
ns
Body Diode Reverse Recovery Charge
Qrr
-
65
130
nC
Reverse Recovery Fall Time
ta
-25
-
ns
Reverse Recovery Rise Time
tb
-28
-


Similar Part No. - SIR826ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SIR826ADP VISHAY-SIR826ADP_V01 Datasheet
382Kb / 13P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR826ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
SUD40N08-16-E3 VBSEMI-SUD40N08-16-E3 Datasheet
999Kb / 9P
   N-Channel 80 V (D-S) MOSFET
PHP79NQ08LT VBSEMI-PHP79NQ08LT Datasheet
999Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com