Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780031AYGC Datasheet(PDF) 3 Page - NEC

Part # UPD780031AYGC
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780031AYGC Datasheet(HTML) 3 Page - NEC

  UPD780031AYGC Datasheet HTML 1Page - NEC UPD780031AYGC Datasheet HTML 2Page - NEC UPD780031AYGC Datasheet HTML 3Page - NEC UPD780031AYGC Datasheet HTML 4Page - NEC UPD780031AYGC Datasheet HTML 5Page - NEC UPD780031AYGC Datasheet HTML 6Page - NEC UPD780031AYGC Datasheet HTML 7Page - NEC UPD780031AYGC Datasheet HTML 8Page - NEC UPD780031AYGC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
3
µPD780031AY, 780032AY, 780033AY, 780034AY
Data Sheet U14045EJ1V0DS00
78K/0 SERIES LINEUP
The products in the 78K/0 Series are listed below. The names enclosed in boxes are subseries names.
64-pin
64-pin
80-pin
80-pin
80-pin
PD780034A
PD780988
PD780034AY
µ
µ
µ
64-pin
64-pin
PD780078
PD780078Y
µ
µ
EMI-noise reduced version of the PD78054
µ
PD78018F with added UART and D/A converter and enhanced I/O
µ
PD780024A with increased RAM capacity
µ
PD780024A with enhanced A/D converter
µ
On-chip inverter control circuit and UART. EMI-noise reduced.
PD78044H
PD780232
80-pin
80-pin
PD78064
PD780841
PD78064B
PD780308
100-pin
100-pin
100-pin
PD780308Y
PD78064Y
80-pin
78K/0
Series
For panel control. On-chip FIP C/D. Display output total: 53
LCD drive
Basic subseries for driving LCDs, on-chip UART
Bus interface supported
Call ID supported
µ
µ
µ
µ
µ
µ
µ
80-pin
On-chip Call ID and simple DTMF. EMI-noise reduced.
µ
PD78064 with enhanced SIO, and increased ROM, RAM capacity.
µ
EMI-noise reduced version of the PD78064
µ
PD78083
PD78018F
PD78018FY
PD78014H
µ
EMI-noise reduced version of the PD78018F
Basic subseries for control
On-chip UART, capable of operating at low voltage (1.8 V)
µ
µ
µ
µ
42/44-pin
64-pin
64-pin
µ
A PD780034A with added timer and enhanced serial I/O
PD78018F with enhanced serial I/O
µ
80-pin
µPD78054 with enhanced serial I/O
100-pin
100-pin
Products in mass production
Products under development
Y subseries products are compatible with I2C bus.
100-pin
µPD78078Y with enhanced serial I/O and limited functions
PD78054 with added timer and enhanced external interface
µ
ROM-less version of the PD78078
µ
100-pin
EMI-noise reduced version of the PD78078
µ
Inverter control
PD780228
100-pin
µµ
PD780208
100-pin
FIPTM drive
µ
PD78044F with enhanced I/O and FIP C/D. Display output total: 53
µ
PD78044H with enhanced I/O and FIP C/D. Display output total: 48
µ
PD780208
µ
PD78098B
µPD78054 with IEBusTM controller added. EMI-noise reduced.
µ
100-pin
PD780024A
PD780024AY
µ
µ
80-pin
100-pin
PD780958
PD780955
µ
µ
Ultra low-power consumption. On-chip UART.
80-pin
PD780973
µ
On-chip automobile meter controller/driver
80-pin
PD780824
µ
For automobile meter. On-chip D-CAN controller.
For industrial meter control
Meter control
PD78044F
80-pin
Basic subseries for driving FIP. Display output total: 34
µ
PD78044F with added N-ch open drain I/O. Display output total: 34
µ
80-pin
PD780701Y
On-chip D-CAN/IEBus controller
µ
80-pin
PD780833Y
On-chip controller compliant with J1850 (Class 2)
µ
PD780948
On-chip D-CAN controller
µ
PD780065
µ
PD78054
PD78058F
µ
µ
PD780058
µ
PD78070A
PD78078
µ
µ
Control
PD78075B
µ
PD78054Y
PD78058FY
µ
µ
PD780058Y
µ
PD78070AY
PD78078Y
PD780018AY
µ
µ
µ


Similar Part No. - UPD780031AYGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780031AY NEC-UPD780031AY Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD780031AYGC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com