Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR476DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIR476DP
Description  N-Channel 25-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR476DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SIR476DP Datasheet HTML 1Page - Vishay Siliconix SIR476DP Datasheet HTML 2Page - Vishay Siliconix SIR476DP Datasheet HTML 3Page - Vishay Siliconix SIR476DP Datasheet HTML 4Page - Vishay Siliconix SIR476DP Datasheet HTML 5Page - Vishay Siliconix SIR476DP Datasheet HTML 6Page - Vishay Siliconix SIR476DP Datasheet HTML 7Page - Vishay Siliconix SIR476DP Datasheet HTML 8Page - Vishay Siliconix SIR476DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 68764
S-81715-Rev. A, 04-Aug-08
Vishay Siliconix
SiR476DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
25
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
23
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 25 V, VGS = 0 V
1
µA
VDS = 25 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.0014
0.0017
Ω
VGS = 4.5 V, ID = 20 A
0.00175
0.0021
Forward Transconductancea
gfs
VDS = 10 V, ID = 20 A
98
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
6150
pF
Output Capacitance
Coss
1510
Reverse Transfer Capacitance
Crss
640
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 20 A
89
135
nC
VDS = 10 V, VGS = 4.5 V, ID = 20 A
42.5
64
Gate-Source Charge
Qgs
16
Gate-Drain Charge
Qgd
12
Gate Resistance
Rg
f = 1 MHz
0.2
1.0
2
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
20
40
ns
Rise Time
tr
918
Turn-Off Delay Time
td(off)
48
90
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
50
90
Rise Time
tr
31
60
Turn-Off Delay Time
td(off)
60
100
Fall Time
tf
48
90
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
60
A
Pulse Diode Forward Currenta
ISM
100
Body Diode Voltage
VSD
IS = 5 A
0.73
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
43
80
ns
Body Diode Reverse Recovery Charge
Qrr
40
80
nC
Reverse Recovery Fall Time
ta
21
ns
Reverse Recovery Rise Time
tb
22


Similar Part No. - SIR476DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR470DP VISHAY-SIR470DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 22-Sep-08
logo
Vishay Telefunken
SIR470DP TFUNK-SIR470DP Datasheet
309Kb / 13P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SIR470DP-T1-GE3 VISHAY-SIR470DP-T1-GE3 Datasheet
371Kb / 13P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SIR470DP VISHAY-SIR470DP_V01 Datasheet
371Kb / 13P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIR472ADP TFUNK-SIR472ADP Datasheet
391Kb / 13P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - SIR476DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com