Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCT3803A Datasheet(PDF) 3 Page - Micronas

Part # VCT3803A
Description  Video/Controller/Teletext IC Family
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3803A Datasheet(HTML) 3 Page - Micronas

  VCT3803A Datasheet HTML 1Page - Micronas VCT3803A Datasheet HTML 2Page - Micronas VCT3803A Datasheet HTML 3Page - Micronas VCT3803A Datasheet HTML 4Page - Micronas VCT3803A Datasheet HTML 5Page - Micronas VCT3803A Datasheet HTML 6Page - Micronas VCT3803A Datasheet HTML 7Page - Micronas VCT3803A Datasheet HTML 8Page - Micronas VCT3803A Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 172 page
background image
Contents, continued
Page
Section
Title
ADVANCE INFORMATION
VCT 38xxA
Micronas
3
25
2.11.
Video Back-end
25
2.11.1.
CRT Measurement and Control
26
2.11.2.
SCART Output Signal
27
2.11.3.
Average Beam Current Limiter
27
2.11.4.
Analog RGB Insertion
27
2.11.5.
Fast-Blank Monitor
29
2.12.
Synchronization and Deflection
29
2.12.1.
Deflection Processing
29
2.12.2.
Angle and Bow Correction
29
2.12.3.
Horizontal Phase Adjustment
30
2.12.4.
Vertical and East/West Deflection
30
2.12.5.
EHT Compensation
31
2.12.6.
Protection Circuitry
31
2.13.
Reset Function
31
2.14.
Standby and Power-On
32
2.15.
I2C Bus Slave Interface
32
2.15.1.
Control and Status Registers
44
2.15.1.1.
Scaler Adjustment
46
2.15.1.2.
Calculation of Vertical and East-West Deflection Coefficients
47
3.
Text and OSD Processing
47
3.1.
Introduction
47
3.2.
SRAM Interface
47
3.3.
Text Controller
49
3.4.
Teletext Acquisition
49
3.5.
Teletext Page Management
49
3.5.1.
Memory Manager
50
3.5.2.
Memory Organization
50
3.5.3.
Page Table
52
3.5.4.
Ghost Row Organization
52
3.5.5.
Subpage Manager
53
3.6.
WST Display Controller
55
3.7.
Display Memory
57
3.8.
Character Generator
58
3.8.1.
Character Code Mapping
59
3.8.2.
Character Font ROM
60
3.8.3.
Latin Font Mapping
61
3.8.4.
Cyrillic Font Mapping
62
3.8.5.
Arabic Font Mapping
63
3.8.6.
Character Font Structure
64
3.9.
National Character Mapping
66
3.10.
Four-Color Mode
67
3.11.
OSD Layer
68
3.12.
Command Language
76
3.13.
I/O Register
82
3.14.
I2C-Bus Slave Interface
82
3.14.1.
Subaddressing
82
3.14.1.1.
CPU Subaddressing
83
3.14.1.2.
DRAM Subaddressing
83
3.14.1.3.
Command Subaddressing
83
3.14.1.4.
Data Subaddressing
84
3.14.1.5.
Hardware Identification


Similar Part No. - VCT3803A

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VCT3030 VATRONICS-VCT3030 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3060 VATRONICS-VCT3060 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3100 VATRONICS-VCT3100 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3200 VATRONICS-VCT3200 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3300 VATRONICS-VCT3300 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
More results

Similar Description - VCT3803A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
   Teletext video processor
November 1986
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
   Teletext video processor
March 1991
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
   Video Processor Family
logo
Active-Semi, Inc
ACT30BHT-1119 ACTIVE-SEMI-ACT30BHT-1119 Datasheet
257Kb / 10P
   High Performance Off-Line Controller ActiveSwitcherTM IC Family
Rev 5, 05-Jun-09
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
   High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
   TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com