Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCT3801A Datasheet(PDF) 9 Page - Micronas

Part # VCT3801A
Description  Video/Controller/Teletext IC Family
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3801A Datasheet(HTML) 9 Page - Micronas

Back Button VCT3801A Datasheet HTML 5Page - Micronas VCT3801A Datasheet HTML 6Page - Micronas VCT3801A Datasheet HTML 7Page - Micronas VCT3801A Datasheet HTML 8Page - Micronas VCT3801A Datasheet HTML 9Page - Micronas VCT3801A Datasheet HTML 10Page - Micronas VCT3801A Datasheet HTML 11Page - Micronas VCT3801A Datasheet HTML 12Page - Micronas VCT3801A Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 172 page
background image
ADVANCE INFORMATION
VCT 38xxA
Micronas
9
1.2. Chip Architecture
Fig. 1–2: Block diagram of the VCT 38xxA (shaded blocks are optional)
Video
Front-end
Comb
Filter
Color
Decoder
Display
Processor
Video
Back-end
Panorama
Scaler
4
3
4
12
31
2
I2C Master
16 kB
Text RAM
3kB
OSD
96 kB
CPU ROM
TPU
DMA
CPU
24 IO Ports
Watchdog
2 CapCom
2 Timer
15:1 Mux
10-bit ADC
8-bit PWM
Audio
3
2
Clock
Oscillator
1kB
CPU RAM
XTAL1
XTAL2
VIN
AIN
ADB, DB, CB
RGBOUT
RGBIN
I2C
Color, Prio
MSync
I2C
VSUPAB
Reset
Logic
RESQ
TEST
GNDAB
2
8
14-bit PWM
2
2
3
CIN
SVM
CLK20
RDY
BE
24
kB
VCT 38xx
AOUT
VSync
VOUT
24 kB ROM
3kB
OSD RAM
Pict.Improv.


Similar Part No. - VCT3801A

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VCT3030 VATRONICS-VCT3030 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3060 VATRONICS-VCT3060 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3100 VATRONICS-VCT3100 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3200 VATRONICS-VCT3200 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3300 VATRONICS-VCT3300 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
More results

Similar Description - VCT3801A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
   Teletext video processor
November 1986
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
   Teletext video processor
March 1991
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
   Video Processor Family
logo
Active-Semi, Inc
ACT30BHT-1119 ACTIVE-SEMI-ACT30BHT-1119 Datasheet
257Kb / 10P
   High Performance Off-Line Controller ActiveSwitcherTM IC Family
Rev 5, 05-Jun-09
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
   High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
   TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com