Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1808AC223M-4Z3A Datasheet(PDF) 1 Page - AVX Corporation

Part # 1808AC223M-4Z3A
Description  For 600V to 3000V Automotive Applications ??AEC-Q200
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1808AC223M-4Z3A Datasheet(HTML) 1 Page - AVX Corporation

  1808AC223M-4Z3A Datasheet HTML 1Page - AVX Corporation 1808AC223M-4Z3A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
062216
105
Notes: Capacitors with X7R dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal.
Please contact AVX for recommendations.
High Voltage MLC Chip Capacitors
For 600V to 3000V Automotive Applications – AEC-Q200
HOW TO ORDER
X7R DIELECTRIC PERFORMANCE CHARACTERISTICS
Modern automotive electronics could require components capable to work with high
voltage (e.g. xenon lamp circuits or power converters in hybrid cars). AVX offer high
voltage ceramic capacitors qualified according to AEC-Q200 standard.
High value, low leakage and small size are difficult parameters to obtain in capacitors
for high voltage systems. AVX special high voltage MLC chip capacitors meet these
performance characteristics and are designed for applications such as snubbers in
high frequency power converters, resonators in SMPS, and high voltage coupling / dc
blocking. These high voltage chip designs exhibit low ESRs at high frequencies.
Due to high voltage nature, larger physical dimensions are necessary. These larger
sizes require special precautions to be taken in applying of MLC chips. The
temperature gradient during heating or cooling cycles should not exceed 4ºC per
second. The preheat temperature must be within 50ºC of the peak temperature
reached by the ceramic bodies through the soldering process. Chip sizes 1210 and
larger should be reflow soldered only. Capacitors may require protective surface
coating to prevent external arcing.
To improve mechanical and thermal resistance, AVX recommend to use flexible
terminations system - FLEXITERM®.
*AVX offers nonstandard case sizes. Contact factory for details.
1210
AVX
Style
1206
1210
1808
1812
2220
C
Voltage
C = 630V
A = 1000V
S = 1500V
G = 2000V
W = 2500V
H = 3000V
C
Dielectric
C = X7R
223
Capacitance Code
(2 significant digits
+ no. of zeros)
e.g. 103 = 10nF
(223 = 22nF)
K
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
4
Failure Rate
4 = Automotive
T
Termination
T = Plated Ni/Sn
Z = FLEXITERM®
1
Packaging
1 or 2 = 7" Reel
3 or 4 = 13" Reel
A
Special
Code
A = Standard
Parameter/Test
Specification Limits
Measuring Conditions
Operating Temperature Range
-55°C to +125°C
Temperature Cycle Chamber
Capacitance
within specified tolerance
Freq.: 1kHz ±10%
Dissipation Factor
2.5% max.
Voltage: 1.0Vrm s ±0.2Vrms
Capacitance Tolerance
±5% (J), ±10% (K), ±20% (M)
T = +25°C, V = 0Vdc
Temperature Characteristics
X7R = ±15%
Vdc = 0V, T = (-55°C to +125°C)
100GΩ min. or 1000MΩ • μF min. (whichever is less)
T = +25°C, V = 500Vdc
Insulation Resistance
10GΩ min. or 100MΩ • μF min. (whichever is less)
T = +125°C, V = 500Vdc
(t ≥ 120 sec, I ≤ 50mA)
Dielectric Strength
No breakdown or visual defect
120% of rated voltage
t ≤ 5 sec, I ≤ 50mA
CHIP DIMENSIONS DESCRIPTION (See capacitance range chart on page 106)
L
W
T
tt
L = Length
W = Width
T = Thickness
t = Terminal


Similar Part No. - 1808AC223M-4Z3A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1808AC223M4T1A AVX-1808AC223M4T1A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
1808AC223M4T2A AVX-1808AC223M4T2A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
1808AC223M4T4A AVX-1808AC223M4T4A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
1808AC223M4Z1A AVX-1808AC223M4Z1A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
1808AC223M4Z2A AVX-1808AC223M4Z2A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
More results

Similar Description - 1808AC223M-4Z3A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1206AC222KAT1A AVX-1206AC222KAT1A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
0805 AVX-0805 Datasheet
57Kb / 2P
   For 600V to 3000V Applications
2220HC103KAZ1A AVX-2220HC103KAZ1A Datasheet
57Kb / 2P
   High Voltage MLC Chips FLEXITERM For 600V to 3000V Applications
logo
Golledge Electronics Lt...
GRX-530 GOLLEDGE-GRX-530 Datasheet
171Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-220 GOLLEDGE-GRX-220 Datasheet
167Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-330 GOLLEDGE-GRX-330 Datasheet
171Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-320 GOLLEDGE-GRX-320 Datasheet
168Kb / 2P
   Automotive SM Crystal (AEC-Q200)
logo
Shanghai Leiditech Elec...
LM1206 LEIDITECH-LM1206 Datasheet
763Kb / 3P
   AEC-Q200 Automotive Grade Certified
logo
Golledge Electronics Lt...
GRX-315 GOLLEDGE-GRX-315 Datasheet
169Kb / 2P
   Automotive Watch Crystal (AEC-Q200)
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com