Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3808G50DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G50DBVT
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G50DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3808G50DBVT Datasheet HTML 2Page - Texas Instruments TPS3808G50DBVT Datasheet HTML 3Page - Texas Instruments TPS3808G50DBVT Datasheet HTML 4Page - Texas Instruments TPS3808G50DBVT Datasheet HTML 5Page - Texas Instruments TPS3808G50DBVT Datasheet HTML 6Page - Texas Instruments TPS3808G50DBVT Datasheet HTML 7Page - Texas Instruments TPS3808G50DBVT Datasheet HTML 8Page - Texas Instruments TPS3808G50DBVT Datasheet HTML 9Page - Texas Instruments TPS3808G50DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
7
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
40
_C
+25
_C
+85
_C
+125
_C
VDD (V)
100
10
1
0.1
0.01
0.001
0.0001
0.001
0.01
0.1
C
T (µF)
10
1
−40
°C, +25°C, +125°C
10
8
6
4
2
0
10
30
50
70
90
110
130
Temperature (
°C)
−50
−30
−10
−10
−8
−6
−4
−2
100
10
1
0
5
10
15
20
30
35
45
25
Overdrive (%V
IT)
50
40
RESET OCCURS
ABOVE THE CURVE
TPS3808
SBVS050E – MAY 2004 – REVISED OCTOBER 2005
At T
J = +25°C, VDD = 3.3V, RLRESET = 100kΩ, and CLRESET = 50pF, unless otherwise noted.
SUPPLY CURRENT
RESET TIMEOUT PERIOD
vs
vs
SUPPLY VOLTAGE
CT
Figure 3.
Figure 4.
NORMALIZED RESET TIMEOUT PERIOD
vs
MAXIMUM TRANSIENT DURATION AT SENSE
TEMPERATURE
vs
(CT = OPEN, CT = VDD, CT = Any)
SENSE THRESHOLD OVERDRIVE VOLTAGE
Figure 5.
Figure 6.
6


Similar Part No. - TPS3808G50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G50DBVT TI-TPS3808G50DBVT Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G50DBVT TI-TPS3808G50DBVT Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G50DBVT TI-TPS3808G50DBVT Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G50DBVT TI-TPS3808G50DBVT Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G50DBVT TI-TPS3808G50DBVT Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com