Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT2232HL Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT2232HL
Description  Dual High Speed USB to Multipurpose UART/FIFO IC
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232HL Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT2232HL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT2232HL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT2232HL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT2232HL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT2232HL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT2232HL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT2232HL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT2232HL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT2232HL Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Copyright © Future Technology Devices International Limited
11
FT2232H Dual High Speed USB to Multipurpose UART/FIFO IC
Datasheet
Version 2.5
Document No.: FT_000061 Clearance No.: FTDI#77
63
EECS
62
EECLK
61
EEDATA
Table 3.1 FT2232H Pin Configurations for 64-pin QFN and LQFP package
3.1.3 Common Pins
The operation of the following FT2232H pins are the same regardless of the configured mode:-
Pin No.
Name
Type
Description
12,37,64
VCORE
POWER
Input
+1.8V input. Core supply voltage input.
20,31,42,56
VCCIO
POWER
Input
+3.3V input. I/O interface power supply input. Failure to connect all
VCCIO pins will result in failure of the device.
9
VPLL
POWER
Input
+3.3V input. Internal PHY PLL power supply input. It is recommended
that this supply is filtered using an LC filter.
4
VPHY
POWER
Input
+3.3V Input. Internal USB PHY power supply input. Note that this
cannot be connected directly to the USB supply. A +3.3V regulator
must be used. It is recommended that this supply is filtered using an LC
filter.
50
VREGIN
POWER
Input
+3.3V Input. Integrated 1.8V voltage regulator input.
49
VREGOUT
POWER
Output
+1.8V Output. Integrated voltage regulator output. Connect to VCORE
with 3.3uF filter capacitor.
10
AGND
POWER
Input
0V Analog ground.
1,5,11,15,
25,35,47,51
GND
POWER
Input
0V Ground input.
Table 3.2 Power and Ground for 64-pin QFN and LQFP package
Pin No.
Name
Type
Description
2
OSCI
INPUT
Oscillator input.
3
OSCO
OUTPUT
Oscillator output.
6
REF
INPUT
Current reference – connect via a 12KΩ resistor @ 1% to GND.
7
DM
I/O
USB Data Signal Minus.
8
DP
I/O
USB Data Signal Plus.
13
TEST
INPUT
IC test pin – for normal operation should be connected to GND.
14
RESET#
INPUT
Reset input (active low).


Similar Part No. - FT2232HL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232HL FTDI-FT2232HL Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232HL-1000 FTDI-FT2232HL-1000 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232HL-REEL FTDI-FT2232HL-REEL Datasheet
1Mb / 60P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART
More results

Similar Description - FT2232HL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H Datasheet
1Mb / 60P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com