Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT2232HQ-REEL Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT2232HQ-REEL
Description  Dual High Speed USB to Multipurpose UART/FIFO IC
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232HQ-REEL Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT2232HQ-REEL Datasheet HTML 1Page - Future Technology Devices International Ltd. FT2232HQ-REEL Datasheet HTML 2Page - Future Technology Devices International Ltd. FT2232HQ-REEL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT2232HQ-REEL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT2232HQ-REEL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT2232HQ-REEL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT2232HQ-REEL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT2232HQ-REEL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT2232HQ-REEL Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Copyright © Future Technology Devices International Limited
1
FT2232H Dual High Speed USB to Multipurpose UART/FIFO IC
Datasheet
Version 2.5
Document No.: FT_000061 Clearance No.: FTDI#77
Future Technology
Devices International Ltd
FT2232H Dual High Speed
USB to Multipurpose
UART/FIFO IC
The FT2232H is FTDI’s 5th generation of USB
devices. The FT2232H is a USB 2.0 High
Speed (480Mb/s) to UART/FIFO IC. It has the
capability of being configured in a variety of
industry standard serial or parallel interfaces.
The FT2232H has the following advanced
features:
Single chip USB to dual serial / parallel ports
with a variety of configurations.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
USB 2.0 High Speed (480Mbits/Second) and
Full Speed (12Mbits/Second) compatible.
Dual Multi-Protocol Synchronous Serial Engine
(MPSSE) to simplify synchronous serial protocol
(USB to JTAG, I2C, SPI or bit-bang) design.
Dual independent UART or FIFO or MPSSE
ports.
Independent Baud rate generators.
RS232/RS422/RS485 UART Transfer Data Rate
up to 12Mbaud. (RS232 Data Rate limited by
external level shifter).
USB to parallel FIFO transfer data rate up to 8
Mbyte/Sec.
Single channel synchronous FIFO mode for
transfers upto 40 Mbytes/Sec
CPU-style FIFO interface mode simplifies CPU
interface design.
MCU host bus emulation mode configuration
option.
Fast Opto-Isolated serial interface option.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct
(D2XX)
drivers
eliminate
the
requirement for USB driver development in
most cases.
Adjustable receive buffer timeout.
Option for transmit and receive LED drive
signals on each channel.
Enhanced bit-bang Mode interface option with
RD# and WR# strobes
FT245B-style FIFO interface option with bi-
directional data bus and simple 4 wire
handshake interface.
Highly integrated design includes +1.8V LDO
regulator for VCORE, integrated POR function
and on chip clock multiplier PLL (12MHz –
480MHz).
Asynchronous serial UART interface option with
full
hardware
handshaking
and
modem
interface signals.
Fully assisted hardware or X-On / X-Off
software handshaking.
UART Interface supports 7/8 bit data, 1/2 stop
bits, and Odd/Even/Mark/Space/No Parity.
Auto-transmit enable control for RS485 serial
applications using TXDEN pin.
Operational
configuration
mode
and
USB
Description strings configurable in external
EEPROM over the USB interface.
Configurable I/O drive strength (4, 8, 12 or
16mA) and slew rate.
Low operating and USB suspend current.
Supports bus powered, self-powered and high-
power bus powered USB configurations.
UHCI/OHCI/EHCI host controller compatible.
USB Bulk data transfer mode (512 byte packets
in High Speed mode).
+1.8V (chip core) and +3.3V I/O interfacing
(+5V Tolerant).
Extended -40°C to 85°C industrial operating
temperature range.
Compact 64-LD Lead Free LQFP or QFN
package
Available in compact Pb-free 56 Pin VQFN
packages (RoHS compliant)
+3.3V single supply operating voltage range.
ESD protection for FT2232H IO’s:
Human Body Model (HBM) ±2kV,
Machine Mode (MM) ±200V,
Charge Device Model (CDM) ±500V,
Latch-up free.
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced in any material or
electronic form without the prior written consent of the copyright holder. This product and its documentation are supplied on an as-is basis and no warranty as
to their suitability for any particular purpose is either made or implied. Future Technology Devices International Ltd will not accept any claim for damages
howsoever arising as a result of use or failure of this product. Your statutory rights are not affected. This product or any variant of it is not intended for use in
any medical appliance, device or system in which the failure of the product might reasonably be expected to result in personal injury. This document provides
preliminary information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by the
publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow G41 1HH, United
Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT2232HQ-REEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FT2232HQ-REEL TI-FT2232HQ-REEL Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - FT2232HQ-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H Datasheet
1Mb / 60P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com