Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7858ADP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7858ADP
Description  N-Channel 12-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7858ADP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7858ADP Datasheet HTML 1Page - Vishay Siliconix SI7858ADP Datasheet HTML 2Page - Vishay Siliconix SI7858ADP Datasheet HTML 3Page - Vishay Siliconix SI7858ADP Datasheet HTML 4Page - Vishay Siliconix SI7858ADP Datasheet HTML 5Page - Vishay Siliconix SI7858ADP Datasheet HTML 6Page - Vishay Siliconix SI7858ADP Datasheet HTML 7Page - Vishay Siliconix SI7858ADP Datasheet HTML 8Page - Vishay Siliconix SI7858ADP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 73164
S-80440-Rev. C, 03-Mar-08
Vishay Siliconix
Si7858ADP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
0.95
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V
1
µA
VDS = 12 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 29 A
0.0020
0.0026
Ω
VGS = 2.5 V, ID = 23 A
0.0029
0.0037
Forward Transconductancea
gfs
VDS = 6 V, ID = 29 A
130
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.75
1.1
V
Dynamicb
Input Capacitance
Ciss
VDS = 6 V, VSS = 0 V, f = 1 MHz
5700
pF
Output Capacitance
Coss
2680
Reverse Transfer Capacitance
Crss
1280
Total Gate Charge
Qg
VDS = 6 V, VGS = 4.5 V, ID = 29 A
54
80
nC
Gate-Source Charge
Qgs
10
Gate-Drain Charge
Qgd
16
Gate Resistance
Rg
0.5
1.2
2.0
Ω
Turn-On Delay Time
td(on)
VDD = 6 V, RL = 6 Ω
ID ≅ 1 A, VGEN = 4.5 V, RG = 6 Ω
40
60
ns
Rise Time
tr
40
60
Turn-Off Delay Time
td(off)
140
210
Fall Time
tf
70
100
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/µs
50
80
Output Characteristics
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 2 V
1.5 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI7858ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7858ADP VISHAY-SI7858ADP_V01 Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7858ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com