Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT260Q-x Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT260Q-x
Description  HID-class USB to UART/I2C Bridge IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-x Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT260Q-x Datasheet HTML 1Page - Future Technology Devices International Ltd. FT260Q-x Datasheet HTML 2Page - Future Technology Devices International Ltd. FT260Q-x Datasheet HTML 3Page - Future Technology Devices International Ltd. FT260Q-x Datasheet HTML 4Page - Future Technology Devices International Ltd. FT260Q-x Datasheet HTML 5Page - Future Technology Devices International Ltd. FT260Q-x Datasheet HTML 6Page - Future Technology Devices International Ltd. FT260Q-x Datasheet HTML 7Page - Future Technology Devices International Ltd. FT260Q-x Datasheet HTML 8Page - Future Technology Devices International Ltd. FT260Q-x Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Copyright © Future Technology Devices International Limited
1
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
Future Technology Devices
International Ltd.
FT260
(HID-class USB to UART/I2C
Bridge IC)
FT260 is a HID-class USB to I2C/UART interface
Device Controller with the following advanced
features:
Single chip USB to UART/I2C bridge with
standard Human Interface Device (HID) class
support
USB2.0 compliant Full Speed device with entire
USB protocol handled on the chip.
Support
2
USB
HID
Interfaces,
each
corresponding
to
the
on-chip
physical
interfaces, I2C and UART
Pin configuration of enabling HID interface for
variety of application
HID over I2C specification support
Configurable I2C Master Interface controller
conforming to I2C v2.1 and v3.0 specification.
Support 4 speed modes defined in I2C-bus
Specification, standard mode (SM), fast mode
(FM), Fast mode plus (FM+), and High Speed
mode (HS)
Robust FTDI UART controller with hardware and
software flow control
Data transfer rate from 1.2 Kbuad to 12 Mbaud
(RS422, RS485, RS232) at TTL levels
Configurable GPIOs can be easily controlled by
software applications under HID class via the
USB bus
Fully integrated oscillator PLL with no external
crystal required
On-chip eFUSE for USB Vendor ID (VID),
Product ID (PID), and other vendor specific
parameters.
Unique USB serial number generation engine
and programming path to external EEPROM.
Integrated 5V-3.3V-1.8V level converter for
USB I/O.
+5V USB VBUS detection engine
USB Power Configurations; supports bus-
powered, self-powered and bus-powered with
power switching.
USB2.0 Low operating and suspend current;
24mA (active-typ) and 385µA (suspend-typ).
True 3.3V CMOS drive output and TTL input.
(operates down to 1V8 with external pull-ups)
Multiple I/O operating voltage level +3.3V,
+2.5V, +1.8V
pin output drive strength; 4 mA(min) and 16
mA(max)
Integrated power-on-reset circuit.
USB Battery Charger Detection.
UHCI / OHCI / EHCI / XHCI host controller
compatible.
Extended operating temperature range; -40 to
85⁰C.
Available in compact Pb-free 28 Pin WQFN or
TSSOP packages (RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT260Q-x

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT260Q FTDI-FT260Q Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
More results

Similar Description - FT260Q-x

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
logo
Holtek Semiconductor In...
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
NXP Semiconductors
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
   UART to I2C-bus bridge
Rev.1.0-22 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com