Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4254BM-MPG3 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U4254BM-MPG3
Description  Low-noise AM/FM Antenna Impedance Matching IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4254BM-MPG3 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U4254BM-MPG3 Datasheet HTML 4Page - ATMEL Corporation U4254BM-MPG3 Datasheet HTML 5Page - ATMEL Corporation U4254BM-MPG3 Datasheet HTML 6Page - ATMEL Corporation U4254BM-MPG3 Datasheet HTML 7Page - ATMEL Corporation U4254BM-MPG3 Datasheet HTML 8Page - ATMEL Corporation U4254BM-MPG3 Datasheet HTML 9Page - ATMEL Corporation U4254BM-MPG3 Datasheet HTML 10Page - ATMEL Corporation U4254BM-MPG3 Datasheet HTML 11Page - ATMEL Corporation U4254BM-MPG3 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
U4254BM-M
4772B–AUDR–11/03
Electrical Characteristics
VS = 8 V, Tamb = 25° C, unless otherwise specified (see Figure 12 on page 9).
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
14
V
S
7.288.8
V
Supply currents
14
I
S
3.5
4.8
5.6
mA
Reference voltage 1 output (I
12 =0)
12
V
Ref1
5.1
5.4
5.7
V
Reference voltage 2 output (I
5 =0)
5
V
Ref2
2.3
2.6
2.8
V
Temperature dependence of VREF2
5
V
Ref2/∆T-1
mV/K
AM Amplifier
Input resistance
8
R
AMIN
470
k
Input capacitance
8
C
AMIN
10
pF
Output resistance
10
R
OUT
125
Voltage gain
8, 10
a
0.85
Output noise voltage (rms value)
S1 switched to 2
B= 6kHz
150 kHz to 300 kHz
500 kHz to 6.5 kHz
10
V
N1
V
N2
-2
-6
dBµV
dBµV
2nd harmonic
S2 switched to 1
f
AMIN =500 kHz
Output voltage =
110 dBµV
10
-65
dBc
FM Amplifier
Supply current limit
I
AGC, IAGCADJ =0 A
15
I
15
33
35
mA
Input resistance
f = 100 MHz
1
RFMIN
50
Output resistance
f = 100 MHz
15
RFMOUT
50
Power gain
f = 100 MHz
1, 15
G
5
dB
Output noise voltage
f = 100 MHz
B = 120 kHz
15
V
N
0dBµV
3rd-order output intercept
f = 100 MHz
15
132
dBµV
AGC
AGC input voltage threshold
f = 100 MHz
S2 switched to 1;
AGC threshold DC
current is 10 µA at
pin 4
15
Vth1
96
dBµV
AGC input voltage threshold
f = 100 MHz,
S2 switched to 2;
AGC threshold DC
current is 10 µA at
pin 4
15
V
th2
106
dBµV
AGC output current
AGC active
IAGC
1.2
mA


Similar Part No. - U4254BM-MPG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4254BM-AFP TEMIC-U4254BM-AFP Datasheet
167Kb / 12P
   Low-Noise AM/FM Antenna Impedance Matching IC
U4254BM-AFPG3 TEMIC-U4254BM-AFPG3 Datasheet
167Kb / 12P
   Low-Noise AM/FM Antenna Impedance Matching IC
More results

Similar Description - U4254BM-MPG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4254BM TEMIC-U4254BM Datasheet
167Kb / 12P
   Low-Noise AM/FM Antenna Impedance Matching IC
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251 Datasheet
374Kb / 21P
   Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
logo
Maxim Integrated Produc...
MAX2180A MAXIM-MAX2180A Datasheet
745Kb / 1P
   AM/FM Car Antenna Low-Noise Amplifier
Rev 2; 3/14
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
logo
List of Unclassifed Man...
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
   FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
   AM/FM RADIO IC
logo
ATMEL Corporation
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
logo
Toshiba Semiconductor
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
   AM/FM Radio IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com