Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5262-G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMBZ5262-G
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBZ5262-G Datasheet(HTML) 2 Page - Vishay Siliconix

  MMBZ5262-G Datasheet HTML 1Page - Vishay Siliconix MMBZ5262-G Datasheet HTML 2Page - Vishay Siliconix MMBZ5262-G Datasheet HTML 3Page - Vishay Siliconix MMBZ5262-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBZ5225-G to MMBZ5267-G
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 11-Feb-13
2
Document Number: 85183
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•Maximum VF = 0.9 V, at IF = 10 mA
(1) Measured at thermal equilibrium
(2) The Zener impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10 % of the
Zener current (IZT1 or IZT2) is superimposed on IZT1 or IZT2. Zener Impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE (2)
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ
V
mA
μA
V
%/°C
NOM.
MAX.
MAX.
MAX.
TYP.
MMBZ5225-G
725
3
20
0.25
50
1
30
1600
- 0.075
MMBZ5226-G
726
3.3
20
0.25
25
1
28
1600
- 0.07
MMBZ5227-G
727
3.6
20
0.25
15
1
24
1700
- 0.065
MMBZ5228-G
728
3.9
20
0.25
10
1
23
1900
- 0.06
MMBZ5229-G
729
4.3
20
0.25
5
1
22
2000
- 0.055
MMBZ5230-G
730
4.7
20
0.25
5
2
19
1900
± 0.030
MMBZ5231-G
731
5.1
20
0.25
5
2
17
1600
± 0.030
MMBZ5232-G
732
5.6
20
0.25
5
3
11
1600
0.038
MMBZ5233-G
733
6
20
0.25
5
3.5
7
1600
0.038
MMBZ5234-G
734
6.2
20
0.25
5
4
7
1000
0.045
MMBZ5235-G
735
6.8
20
0.25
3
5
5
750
0.05
MMBZ5236-G
736
7.5
20
0.25
3
6
6
500
0.058
MMBZ5237-G
737
8.2
20
0.25
3
6.5
8
500
0.062
MMBZ5238-G
738
8.7
20
0.25
3
6.5
8
600
0.065
MMBZ5239-G
739
9.1
20
0.25
3
7
10
600
0.068
MMBZ5240-G
740
10
20
0.25
3
8
17
600
0.075
MMBZ5241-G
741
11
20
0.25
2
8.4
22
600
0.076
MMBZ5242-G
742
12
20
0.25
1
9.1
30
600
0.077
MMBZ5243-G
743
13
9.5
0.25
0.5
9.9
13
600
0.079
MMBZ5244-G
744
14
9
0.25
0.1
10
15
600
0.082
MMBZ5245-G
745
15
8.5
0.25
0.1
11
16
600
0.082
MMBZ5246-G
746
16
7.8
0.25
0.1
12
17
600
0.083
MMBZ5247-G
747
17
7.4
0.25
0.1
13
19
600
0.084
MMBZ5248-G
748
18
7
0.25
0.1
14
21
600
0.085
MMBZ5249-G
749
19
6.6
0.25
0.1
14
23
600
0.086
MMBZ5250-G
750
20
6.2
0.25
0.1
15
25
600
0.086
MMBZ5251-G
751
22
5.6
0.25
0.1
17
29
600
0.087
MMBZ5252-G
752
24
5.2
0.25
0.1
18
33
600
0.087
MMBZ5253-G
753
25
5
0.25
0.1
19
35
600
0.089
MMBZ5254-G
754
27
4.6
0.25
0.1
21
41
600
0.09
MMBZ5255-G
755
28
4.5
0.25
0.1
21
44
600
0.091
MMBZ5256-G
756
30
4.2
0.25
0.1
23
49
600
0.091
MMBZ5257-G
757
33
3.8
0.25
0.1
25
58
700
0.092
MMBZ5258-G
758
36
3.4
0.25
0.1
27
70
700
0.093
MMBZ5259-G
759
39
3.2
0.25
0.1
30
80
800
0.094
MMBZ5260-G
760
43
3
0.25
0.1
33
93
900
0.095
MMBZ5261-G
761
47
2.7
0.25
0.1
36
105
1000
0.095
MMBZ5262-G
762
51
2.5
0.25
0.1
39
125
1100
0.096
MMBZ5263-G
763
56
2.2
0.25
0.1
43
150
1300
0.096
MMBZ5264-G
764
60
2.1
0.25
0.1
46
170
1400
0.097
MMBZ5265-G
765
62
2
0.25
0.1
47
185
1400
0.097
MMBZ5266-G
766
68
1.8
0.25
0.1
52
230
1600
0.097
MMBZ5267-G
767
75
1.7
0.25
0.1
56
270
1700
0.098


Similar Part No. - MMBZ5262-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ5262-V VISHAY-MMBZ5262-V Datasheet
107Kb / 6P
   Small Signal Zener Diodes
Rev. 1.4, 21-Oct-05
MMBZ5262-V-G VISHAY-MMBZ5262-V-G Datasheet
88Kb / 4P
   Small Signal Zener Diodes
Rev. 1.2, 24-Nov-11
More results

Similar Description - MMBZ5262-G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com