Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ4702-G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMBZ4702-G
Description  Silicon planar Zener diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBZ4702-G Datasheet(HTML) 2 Page - Vishay Siliconix

  MMBZ4702-G Datasheet HTML 1Page - Vishay Siliconix MMBZ4702-G Datasheet HTML 2Page - Vishay Siliconix MMBZ4702-G Datasheet HTML 3Page - Vishay Siliconix MMBZ4702-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBZ4681-G to MMBZ4717-G
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 01-Mar-13
2
Document Number: 85242
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Maximum VF = 0.9 V, at IF = 10 mA
(1) Tested with pulse test current
(2) Maximum voltage change (VZ). Voltage change is equal to the difference between VZ at 100 μA and VZ at 10 μA.
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE RANGE (1)
TEST
CURRENT
REVERSE CURRENT
VOLTAGE
CHANGE (2)
VZ at IZT1
IZT1
IR at VR
V
Z
V
mA
μA
V
V
MIN.
NOM.
MAX.
MAX.
MAX.
MMBZ4681-G
TF
2.28
2.4
2.52
0.05
2
1
0.8
MMBZ4682-G
TH
2.57
2.7
2.84
0.05
1
1
0.85
MMBZ4683-G
TJ
2.85
3
3.15
0.05
0.8
1
0.9
MMBZ4684-G
TK
3.14
3.3
3.47
0.05
7.5
1.5
0.95
MMBZ4685-G
TM
3.42
3.6
3.78
0.05
7.5
2
0.95
MMBZ4686-G
TN
3.71
3.9
4.1
0.05
5
2
0.97
MMBZ4687-G
TP
4.09
4.3
4.52
0.05
4
2
0.99
MMBZ4688-G
TT
4.47
4.7
4.94
0.05
10
3
0.99
MMBZ4689-G
TU
4.85
5.1
5.36
0.05
10
3
0.97
MMBZ4690-G
TV
5.32
5.6
5.88
0.05
10
4
0.96
MMBZ4691-G
TA
5.89
6.2
6.51
0.05
10
5
0.95
MMBZ4692-G
TX
6.46
6.8
7.14
0.05
10
5.1
0.9
MMBZ4693-G
TY
7.13
7.5
7.88
0.05
10
5.7
0.75
MMBZ4694-G
TZ
7.79
8.2
8.61
0.05
1
6.2
0.5
MMBZ4695-G
UC
8.27
8.7
9.14
0.05
1
6.6
0.1
MMBZ4696-G
UD
8.65
9.1
9.56
0.05
1
6.9
0.08
MMBZ4697-G
UE
9.5
10
10.5
0.05
1
7.6
0.1
MMBZ4698-G
UF
10.5
11
11.6
0.05
0.05
8.4
0.11
MMBZ4699-G
UH
11.4
12
12.6
0.05
0.05
9.1
0.12
MMBZ4700-G
UJ
12.4
13
13.7
0.05
0.05
9.8
0.13
MMBZ4701-G
UK
13.3
14
14.7
0.05
0.05
10.6
0.14
MMBZ4702-G
UM
14.3
15
15.8
0.05
0.05
11.4
0.15
MMBZ4703-G
UN
15.2
16
16.8
0.05
0.05
12.1
0.16
MMBZ4704-G
UP
16.2
17
17.9
0.05
0.05
12.9
0.17
MMBZ4705-G
UT
17.1
18
18.9
0.05
0.05
13.6
0.18
MMBZ4706-G
UU
18.1
19
20
0.05
0.05
14.4
0.19
MMBZ4707-G
UV
19
20
21
0.05
0.01
15.2
0.2
MMBZ4708-G
UA
20.9
22
23.1
0.05
0.01
16.7
0.22
MMBZ4709-G
UZ
22.8
24
25.2
0.05
0.01
18.2
0.24
MMBZ4710-G
UY
23.8
25
26.3
0.05
0.01
19
0.25
MMBZ4711-G
ZA
25.7
27
28.4
0.05
0.01
20.4
0.27
MMBZ4712-G
ZC
26.6
28
29.4
0.05
0.01
21.2
0.28
MMBZ4713-G
ZD
28.5
30
31.5
0.05
0.01
22.8
0.3
MMBZ4714-G
ZE
31.4
33
34.7
0.05
0.01
25
0.33
MMBZ4715-G
ZF
34.2
36
3.7.8
0.05
0.01
27.3
0.36
MMBZ4716-G
ZH
37.1
39
41
0.05
0.01
29.6
0.39
MMBZ4717-G
ZJ
40.9
43
45.2
0.05
0.01
32.6
0.43


Similar Part No. - MMBZ4702-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ4702-V VISHAY-MMBZ4702-V Datasheet
170Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 04-Jun-08
MMBZ4702-V VISHAY-MMBZ4702-V Datasheet
92Kb / 5P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
More results

Similar Description - MMBZ4702-G

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com