Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ4692 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMBZ4692
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBZ4692 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMBZ4692 Datasheet HTML 1Page - Vishay Siliconix MMBZ4692 Datasheet HTML 2Page - Vishay Siliconix MMBZ4692 Datasheet HTML 3Page - Vishay Siliconix MMBZ4692 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBZ4681 to MMBZ4717
www.vishay.com
Vishay Semiconductors
Rev. 1.9. 08-Nov-16
2
Document Number: 85771
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Maximum VF = 0.9 V, at IF = 10 mA
(1) Tested with pulse test current
(2) Maximum voltage change (VZ). Voltage change is equal to the difference between VZ at 100 μA and VZ at 10 μA.
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE RANGE (1)
TEST
CURRENT
REVERSE CURRENT
VOLTAGE
CHANGE (2)
VZ at IZT1
IZT1
IR at VR
V
Z
V
mA
μA
V
V
MIN.
NOM.
MAX.
MAX.
MAX.
MMBZ4681
CF
2.28
2.4
2.52
0.05
2
1
0.8
MMBZ4682
CH
2.57
2.7
2.84
0.05
1
1
0.85
MMBZ4683
CJ
2.85
3
3.15
0.05
0.8
1
0.9
MMBZ4684
CK
3.14
3.3
3.47
0.05
7.5
1.5
0.95
MMBZ4685
CM
3.42
3.6
3.78
0.05
7.5
2
0.95
MMBZ4686
CN
3.71
3.9
4.1
0.05
5
2
0.97
MMBZ4687
CP
4.09
4.3
4.52
0.05
4
2
0.99
MMBZ4688
CT
4.47
4.7
4.94
0.05
10
3
0.99
MMBZ4689
CU
4.85
5.1
5.36
0.05
10
3
0.97
MMBZ4690
CV
5.32
5.6
5.88
0.05
10
4
0.96
MMBZ4691
CA
5.89
6.2
6.51
0.05
10
5
0.95
MMBZ4692
CX
6.46
6.8
7.14
0.05
10
5.1
0.9
MMBZ4693
CY
7.13
7.5
7.88
0.05
10
5.7
0.75
MMBZ4694
CZ
7.79
8.2
8.61
0.05
1
6.2
0.5
MMBZ4695
DC
8.27
8.7
9.14
0.05
1
6.6
0.1
MMBZ4696
DD
8.65
9.1
9.56
0.05
1
6.9
0.08
MMBZ4697
DE
9.5
10
10.5
0.05
1
7.6
0.1
MMBZ4698
DF
10.5
11
11.6
0.05
0.05
8.4
0.11
MMBZ4699
DH
11.4
12
12.6
0.05
0.05
9.1
0.12
MMBZ4700
DJ
12.4
13
13.7
0.05
0.05
9.8
0.13
MMBZ4701
DK
13.3
14
14.7
0.05
0.05
10.6
0.14
MMBZ4702
DM
14.3
15
15.8
0.05
0.05
11.4
0.15
MMBZ4703
DN
15.2
16
16.8
0.05
0.05
12.1
0.16
MMBZ4704
DP
16.2
17
17.9
0.05
0.05
12.9
0.17
MMBZ4705
DT
17.1
18
18.9
0.05
0.05
13.6
0.18
MMBZ4706
DU
18.1
19
20
0.05
0.05
14.4
0.19
MMBZ4707
DV
19
20
21
0.05
0.01
15.2
0.2
MMBZ4708
DA
20.9
22
23.1
0.05
0.01
16.7
0.22
MMBZ4709
DZ
22.8
24
25.2
0.05
0.01
18.2
0.24
MMBZ4710
DY
23.8
25
26.3
0.05
0.01
19
0.25
MMBZ4711
EA
25.7
27
28.4
0.05
0.01
20.4
0.27
MMBZ4712
EC
26.6
28
29.4
0.05
0.01
21.2
0.28
MMBZ4713
ED
28.5
30
31.5
0.05
0.01
22.8
0.3
MMBZ4714
EE
31.4
33
34.7
0.05
0.01
25
0.33
MMBZ4715
EF
34.2
36
3.7.8
0.05
0.01
27.3
0.36
MMBZ4716
EH
37.1
39
41
0.05
0.01
29.6
0.39
MMBZ4717
EJ
40.9
43
45.2
0.05
0.01
32.6
0.43


Similar Part No. - MMBZ4692

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMBZ4692 GE-MMBZ4692 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
MMBZ4692-G VISHAY-MMBZ4692-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
MMBZ4692-V VISHAY-MMBZ4692-V Datasheet
170Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 04-Jun-08
MMBZ4692-V VISHAY-MMBZ4692-V Datasheet
92Kb / 5P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
More results

Similar Description - MMBZ4692

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com