Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1GC44 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # U1GC44
Description  TOSHIBA RECTIFIER SILICON DIFFUSED JUNCTION TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U1GC44 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  U1GC44 Datasheet HTML 1Page - Toshiba Semiconductor U1GC44 Datasheet HTML 2Page - Toshiba Semiconductor U1GC44 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
U1BC44,U1GC44,U1JC44
2001-07-18
1
TOSHIBA RECTIFIER SILICON DIFFUSED JUNCTION TYPE
U1BC44,U1GC44,U1JC44
FOR HYBRID USE
l Average Forward Current
: IF (AV) = 1.0A
l Repetitive Peak Reverse Voltage
: VRRM = 100, 400, 600V
l Mini Plastic Mold Package
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
U1BC44
100
U1GC44
400
Repetitive Peak
Reverse Voltage
U1JC44
VRRM
600
V
On Ceramic Substrate
1.0
(Ta = 75°C)
Average
Forward
Current
On Glass−epoxy
Substrate
IF (AV)
0.9
(Ta = 25°C)
A
30 (50Hz)
Peak One Cycle Surge Forward
Current (Non−Repetitive)
IFSM
33 (60Hz)
A
Junction Temperature
Tj
−40~150
°C
Storage Temperature Range
Tstg
−40~150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Peak Forward Voltage
VFM
IFM = 1.0A
1.2
V
Repetitive Peak Reverse
Current
IRRM
VRRM = Rated
10
µA
On ceramic substrate
60
Thermal Resistance
Rth (j−a)
DC
On glass-epoxy substrate
120
°C / W
STANDARD SOLDERING PAD
JEDEC
JEITA
TOSHIBA
3−4D1A
Weight: 0.06g
Unit: mm


Similar Part No. - U1GC44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U1GC44 TOSHIBA-U1GC44 Datasheet
205Kb / 4P
   Average Forward Current Repetitive Peak Reverse Voltage Mini Plastic Mold Package
More results

Similar Description - U1GC44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U10LC48 TOSHIBA-U10LC48 Datasheet
190Kb / 4P
   TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
S5688N TOSHIBA-S5688N Datasheet
96Kb / 3P
   TOSHIBA Rectifier Silicon Diffused Type
0R8GU41 TOSHIBA-0R8GU41 Datasheet
131Kb / 3P
   TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
CRG07 TOSHIBA-CRG07 Datasheet
252Kb / 4P
   TOSHIBA Rectifier Silicon Diffused Type
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA40C TOSHIBA-U5ZA40C Datasheet
100Kb / 4P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA27C TOSHIBA-U5ZA27C Datasheet
135Kb / 4P
   TOSHIBA ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
GOOD-ARK Electronics
05GU4B48 GOOD-ARK-05GU4B48 Datasheet
68Kb / 2P
   SILICON DIFFUSED JUNCTION TYPE RECTIFIER STACK
U05GU4B48 GOOD-ARK-U05GU4B48 Datasheet
89Kb / 3P
   SILICON DIFFUSED JUNCTION TYPE RECTIFIER STACK
logo
Toshiba Semiconductor
1JH46TPA3 TOSHIBA-1JH46TPA3 Datasheet
253Kb / 4P
   TOSHIBA FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com