Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB0259102MA6N Datasheet(PDF) 2 Page - AVX Corporation

Part # GB0259102MA6N
Description  Single Layer Ceramics With & Without Borders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GB0259102MA6N Datasheet(HTML) 2 Page - AVX Corporation

  GB0259102MA6N Datasheet HTML 1Page - AVX Corporation GB0259102MA6N Datasheet HTML 2Page - AVX Corporation GB0259102MA6N Datasheet HTML 3Page - AVX Corporation GB0259102MA6N Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5
Microwave SLCs
Maxi & Maxi+ Series:
Single Layer Ceramics With & Without Borders
GH/GB01
GH/GB02
GH/GB03
GH/GB04
GH/GB05
GH/GB06
(L) Length
.015±.005
.025±.005
.035±.005
.050±.010
.070±.010
.090±.010
(.381±.127)
(.635±.127)
(.889±.127)
(1.27±.254)
(1.78±.254)
(2.29±.254)
(W) Width
.015±.005
.025±.005
.035±.005
.050±.010
.070±.010
.090±.010
(.381±.127)
(.635±.127)
(.889±.127)
(1.27±.254)
(1.78±.254)
(2.29±.254)
(T) Thickness
.007±.002 (.178±.051)
(B) Border
.002±.001 (.051±.025)
GH SERIES: MAXI SINGLE LAYER CAPACITORS WITHOUT BORDERS
GB SERIES: MAXI SINGLE LAYER CAPACITORS WITH BORDERS
GH
Type Code
GH = w/o borders
GB = w/ borders
02
Case Size
01
02
03
04
05
06
5
Working
Voltage
Code
5 = 50 VDC
8
Dielectric
Code
8 = Maxi
(k = 20,000)
9 = Maxi+
(k = 30,000)
102
Capacitance
Value
EIA Cap
Code in pF
M
Capacitance
Tolerance
K = ±10%
M = ±20%
Z = +80% -20%
A
Termination
Code
A = Au
(100 μ-in min)
over
Ti/W (1000 Å nom)
also available
N = Ti/W-Ni-Au
6N
Packaging
Code
6N = Antistatic
Waffle Pack
HOW TO ORDER
DIMENSIONS: inches (millimeters)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
68
330
330
750
750
1200
1200
2700
2700
4700
4700
8200
GH SERIES: MAXI+ SINGLE LAYER CAPACITORS WITHOUT BORDERS
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
330
390
390
1000
1000
1800
1800
3300
3300
6800
6800
10000
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
51
220
220
560
560
1000
1000
2200
2200
4700
4700
8200
GB SERIES: MAXI+ SINGLE LAYER CAPACITORS WITH BORDERS
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Cap (pF)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
220
330
330
820
820
1500
1500
2700
2700
6800
6800
10000


Similar Part No. - GB0259102MA6N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GB02505EPL ETC1-GB02505EPL Datasheet
190Kb / 3P
   A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
logo
AVX Corporation
GB025Z102KA6N AVX-GB025Z102KA6N Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
GB025Z102MA6N AVX-GB025Z102MA6N Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
GB025Z102ZA6N AVX-GB025Z102ZA6N Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
More results

Similar Description - GB0259102MA6N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GB01 AVX-GB01 Datasheet
281Kb / 4P
   Microwave SLCs Maxi & Maxi Series: Single Layer Ceramics With & Without Borders
GH01 AVX-GH01 Datasheet
74Kb / 1P
   Microwave Single Layer X7S Capacitors Z Dielectric With and Without Borders
GB01 AVX-GB01_17 Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
   Single Layer Varistors
VC32M01750K AVX-VC32M01750K Datasheet
183Kb / 2P
   Single Layer Varistors
logo
Kemet Corporation
NBL20602S KEMET-NBL20602S Datasheet
57Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL15602S KEMET-NBL15602S Datasheet
58Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45402H-A KEMET-NBL45402H-A Datasheet
78Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45282H-A3 KEMET-NBL45282H-A3 Datasheet
73Kb / 1P
   KEMET, NBL, Transducers, Single-layer
logo
List of Unclassifed Man...
ATC111 ETC1-ATC111 Datasheet
218Kb / 12P
   ATC Millimeter Wavelength Single Layer Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com