Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS06AG182R0YATWA Datasheet(PDF) 1 Page - AVX Corporation

Part # VCAS06AG182R0YATWA
Description  AVX Low Capacitance Automotive Varistors ESD Protection for Automotive Circuits Sensitive to Capacitance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS06AG182R0YATWA Datasheet(HTML) 1 Page - AVX Corporation

  VCAS06AG182R0YATWA Datasheet HTML 1Page - AVX Corporation VCAS06AG182R0YATWA Datasheet HTML 2Page - AVX Corporation VCAS06AG182R0YATWA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52
080216
GENERAL DESCRIPTION
AVX 0402/0603 Automotive AntennaGuard products are an ultra low
capacitance extension to the Automotive TransGuard® Series and are
intended for use in RF and other capacitance sensitive circuits.
These low capacitance values have low insertion loss, low leakage
current and unsurpassed reliability compared to diode options. These
advantages combined with size advantages and bi-directional protection
make the AntennaGuard the right choice for automotive applications
including RF circuits, sensors, high-speed signal transmission lines, etc…
06
Case
Size
04 = 0402
06 = 0603
VC
Varistor
Chip
AS
Series
AS = Automotive
AG
Type
18
Working
Voltage
18 = 18.0VDC
3R0
Capacitance
2R0 = 2pF
3R0 = 3pF
120 = 12pF
Y
Non-Std
Cap Tol
C = ±0.25pF
(2R0)
Y = Max
(for 3pF)
Y = +4/-2pF
(for 12pF)
HOW TO ORDER
A
Not
Applicable
T
Termination
T = Ni/Sn Plated
1
Reel Size
1 = 7" reel
3 = 13" reel
W = 7" reel
(0402 only)
A
Reel Qty
A = 4K or 10K pcs
(i.e.: 1A = 4,000
3A = 10,000
WA = 10,000)
FEATURES
• AEC Q200 Qualified
• 25kV ESD rating
• Meet 27.5Vdc Jump Start requirements
• Multi-strike capability
• Sub 1nS response to ESD strike
APPLICATIONS
• RF Circuit
• Sensors
• Antennas
• Data lines
• Keyless entry
• Capacitance sensitive applications
GENERAL
CHARACTERISTICS
• Operting Teperature: -55°C to +125°C
• Working Voltage: ≤18Vdc
• Case Size: 0402, 0603
ELECTRIAL CHARACTERISTICS
AVX Part Number
VW (DC)
VW (AC)
IL
Cap
Cap Tolerance
VJump
Case Size
VCAS04AG183R0YAT_ _
≤ 18
≤ 14
0.1
3
Max
27.5
0402
VCAS06AG182R0CAT_ _
≤ 18
≤ 14
0.1
2
±0.25pF
27.5
0603
VCAS06AG183R0YAT_ _
≤ 18
≤ 14
0.1
3
Max
27.5
0603
VCAS06AG18120YAT_ _
≤ 18
≤ 14
0.1
12
+4, -2pF
27.5
0603
Termination Finish Code
Packaging Code
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
I
L
Maximum Leakage Current at the Working Voltage (μA)
Cap
Maximum Capacitance (pF) @ 1 MHz and 0.5 Vrms; VC06AG18120YAT capacitance tolerance: +4, -2pF
V
Jump
Jump Start (V)
AntennaGuard 0402/0603 Automotive Series
AVX Low Capacitance Automotive Varistors
ESD Protection for Automotive Circuits Sensitive to Capacitance


Similar Part No. - VCAS06AG182R0YATWA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS06AG182R0CAT AVX-VCAS06AG182R0CAT Datasheet
178Kb / 3P
   AntennaGuard 0402/0603 Automotive Series
More results

Similar Description - VCAS06AG182R0YATWA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4SC6Y STMICROELECTRONICS-USBLC6-4SC6Y Datasheet
145Kb / 10P
   Automotive very low capacitance ESD protection
DALC208SC6Y STMICROELECTRONICS-DALC208SC6Y Datasheet
126Kb / 12P
   Automotive low capacitance diode array for ESD protection
November 2012 Rev 1
DVIULC6-4SC6Y STMICROELECTRONICS-DVIULC6-4SC6Y Datasheet
203Kb / 12P
   Automotive ultralow capacitance ESD protection
September 2012 Rev 2
logo
AVX Corporation
VCH4 AVX-VCH4 Datasheet
235Kb / 2P
   AntennaGuard/SPV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit Sensitive to Capacitance
logo
Jiangsu Changjiang Elec...
CESDLC5V0AT7 JIANGSU-CESDLC5V0AT7 Datasheet
1Mb / 2P
   Low Capacitance for ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
   Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
   Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
   Low Capacitance ESD Protection
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
   Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
   Low Capacitance ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com