Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ36B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GDZ36B
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GDZ36B Datasheet(HTML) 2 Page - Vishay Siliconix

  GDZ36B Datasheet HTML 1Page - Vishay Siliconix GDZ36B Datasheet HTML 2Page - Vishay Siliconix GDZ36B Datasheet HTML 3Page - Vishay Siliconix GDZ36B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GDZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 03-Nov-16
2
Document Number: 85766
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The Zener voltage VZ is measured 40 ms after power is supplied
• The operating resistance (ZZ, ZZK) are measured by superimposing a 1 kHz alternating current on the regulated current (IZ).
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE
CURRENT
DYNAMIC RESISTANCE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
MAX.
MAX.
MAX.
MAX.
GDZ2V0B
02
2.02
2.2
5
0.5
120
0.5
100
1000
GDZ2V2B
12
2.22
2.41
5
0.5
120
0.7
100
1000
GDZ2V4B
22
2.43
2.63
5
0.5
120
1
100
1000
GDZ2V7B
32
2.69
2.91
5
0.5
100
1
110
1000
GDZ3V0B
42
3.01
3.22
5
0.5
50
1
120
1000
GDZ3V3B
52
3.32
3.53
5
0.5
20
1
120
1000
GDZ3V6B
62
3.6
3.845
5
1
10
1
100
1000
GDZ3V9B
72
3.89
4.16
5
1
5
1
100
1000
GDZ4V3B
82
4.17
4.43
5
1
5
1
100
1000
GDZ4V7B
92
4.55
4.75
5
0.5
2
1
100
800
GDZ5V1B
T1
4.98
5.2
5
0.5
2
1
80
500
GDZ5V6B
T2
5.49
5.73
5
0.5
1
2.5
60
200
GDZ6V2B
T3
6.06
6.33
5
0.5
1
3
60
100
GDZ6V8B
T4
6.65
6.93
5
0.5
0.5
3.5
40
60
GDZ7V5B
T5
7.28
7.6
5
0.5
0.5
4
30
60
GDZ8V2B
T6
8.02
8.36
5
0.5
0.5
5
30
60
GDZ9V1B
T7
8.85
9.23
5
0.5
0.5
6
30
60
GDZ10B
T8
9.77
10.21
5
0.5
0.1
7
30
60
GDZ11B
T9
10.76
11.22
5
0.5
0.1
8
30
60
GDZ12B
TA
11.74
12.24
5
0.5
0.1
9
30
80
GDZ13B
TB
12.91
13.49
5
0.5
0.1
10
37
80
GDZ15B
TC
14.34
14.98
5
0.5
0.1
11
42
80
GDZ16B
TD
15.85
16.51
5
0.5
0.1
12
50
80
GDZ18B
TE
17.56
18.35
5
0.5
0.1
13
65
80
GDZ20B
TH
19.52
20.39
5
0.5
0.1
15
85
100
GDZ22B
TK
21.54
22.47
5
0.5
0.1
17
100
100
GDZ24B
TL
23.72
24.78
5
0.5
0.1
19
120
120
GDZ27B
TM
26.19
27.53
5
0.5
0.1
21
150
150
GDZ30B
TN
29.19
30.69
5
0.5
0.1
23
200
200
GDZ33B
TP
32.15
33.79
5
0.5
0.1
25
250
250
GDZ36B
TT
35.07
36.87
5
0.5
0.1
27
300
300


Similar Part No. - GDZ36B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GDZ36B EIC-GDZ36B Datasheet
40Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
GDZ36B SYNSEMI-GDZ36B Datasheet
77Kb / 2P
   ZENER DIODES
logo
Frontier Electronics.
GDZ36B FRONTIER-GDZ36B Datasheet
125Kb / 4P
   500m WATT ZENER DIODE
logo
SUNMATE electronic Co.,...
GDZ36B SUNMATE-GDZ36B Datasheet
406Kb / 2P
   SURFACE MOUNT ZENER DIODES
logo
Vishay Siliconix
GDZ36B-G VISHAY-GDZ36B-G Datasheet
82Kb / 4P
   Small Signal Zener Diodes
Rev. 1.6, 14-Oct-16
More results

Similar Description - GDZ36B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com