Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF2-L2-H-12V Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # TF2-L2-H-12V
Description  SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TF2-L2-H-12V Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  TF2-L2-H-12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TF2-L2-H-12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TF2-L2-H-12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TF2-L2-H-12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TF2-L2-H-12V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TF
149
15. Actual load test
Tested sample: TF2-12V
(35 mA 48 V DC wire spring relay load)
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
500
500
0.1
µF
0.1
µF
48 V
DC
3
2
Wire spring relay Circuit diagram
No. of operations,
×104
Max.
Min.
Max.
Min.
10
20
30
40
50
0
10
20
30
40
50
60
70
80
90
100
Pick-up voltage
Drop-out voltage
10
20
30
40
50
Max.
Min.
No. of operations,
×104
0
10
20
30
40
50
60
70
80
90
100
For Cautions for Use, see Page 178 and 179.
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - TF2-L2-H-12V

ManufacturerPart #DatasheetDescription
logo
C&K Components
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
593Kb / 6P
   Mid Size Snap-acting Switches
4 Jul 22
logo
Rhombus Industries Inc.
TF200-10 RHOMBUS-IND-TF200-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF200-10 RHOMBUS-IND-TF200-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF200-5 RHOMBUS-IND-TF200-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF2-L2-H-12V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com