Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF2-L2-9V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # TF2-L2-9V
Description  SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TF2-L2-9V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  TF2-L2-9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TF2-L2-9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TF2-L2-9V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TF2-L2-9V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TF2-L2-9V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TF
148
10. Ambient temperature characteristics
Tested sample: TF2-12V, 5 pcs.
11. Distribution of contact resistance
Tested sample: TF2-12V, 30 pcs. (30,
×4 contacts)
0
Pick-up voltage
Drop-out
voltage
Ambient
temperature,
°C
20
10
–20
–40
20
30
40
40
60
80
–10
–20
–30
–40
x
x
Contact resistance,m
0
20
40
60
30
40
50
12.-(1) High-frequency characteristics
Tested sample: TF2-xxV
Isolation characteristics
12.-(2) High-frequency characteristics
Tested sample: TF2-xxV
Insertion loss characteristics
12.-(3) High-frequency characteristics
Tested sample: TF2-xxV
V.S.W.R.
50
100
10
100
1,000
Frequency,MHz
10
0
100
1,000
Frequency,MHz
0.2
0.4
0.6
0.8
1.0
Frequency,MHz
1.0
1.2
1.4
1.6
1.8
2.0
10
100
1,000
TF Relay V.S.W.R., 50
13.-(1) Malfunctional shock (single side stable)
Tested sample: TF2-12V, 6 pcs
13.-(2) Malfunctional shock (latching)
Tested sample: TF2-L-12V, 6 pcs.
Y
,
Y
,
Y
Y
Z
,
Z
,
Z
Z
X
,
X
X
Deenergized
condition
Energized condition
980m/s2
980m/s2
980m/s2
980m/s2
196m/s2
980m/s2
392m/s2
588m/s2
784m/s2
980m/s2
X
,
Y
,
Y
,
Y
Y
Z
,
Z
,
Z
Z
X
,
X
X
Reset state
Set state
980m/s2
X
,
980m/s2
980m/s2
980m/s2
980m/s2
196m/s2
392m/s2
588m/s2
784m/s2
980m/s2
14.-(1) Influence of adjacent mounting
14.-(2) Influence of adjacent mounting
14.-(3) Influence of adjacent mounting
Inter-relay distance
, mm inch
05
.197
–10
0
10
–10
0
10
ON
ON
ON
OFF OFF
OFF
Pick-up voltage
Drop-out voltage
ON
ON
OFF
OFF
OFF
ON
Inter-relay distance
, mm inch
05
.197
–10
0
10
–10
0
10
Drop-out voltage
Pick-up voltage
OFF
ON
Inter-relay distance
, mm inch
05
.197
–10
0
10
–10
0
10
Pick-up voltage
Drop-out voltage OFF
OFF
OFF
ON
ON
ON


Similar Part No. - TF2-L2-9V

ManufacturerPart #DatasheetDescription
logo
C&K Components
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
593Kb / 6P
   Mid Size Snap-acting Switches
4 Jul 22
logo
Rhombus Industries Inc.
TF200-10 RHOMBUS-IND-TF200-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF200-10 RHOMBUS-IND-TF200-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF200-5 RHOMBUS-IND-TF200-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF2-L2-9V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com