Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS55165 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS55165
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55165 Datasheet(HTML) 3 Page - Texas Instruments

  TMS55165 Datasheet HTML 1Page - Texas Instruments TMS55165 Datasheet HTML 2Page - Texas Instruments TMS55165 Datasheet HTML 3Page - Texas Instruments TMS55165 Datasheet HTML 4Page - Texas Instruments TMS55165 Datasheet HTML 5Page - Texas Instruments TMS55165 Datasheet HTML 6Page - Texas Instruments TMS55165 Datasheet HTML 7Page - Texas Instruments TMS55165 Datasheet HTML 8Page - Texas Instruments TMS55165 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description
The TMS551xx multiport video RAMs are high-speed dual-ported memory devices. Each consists of a dynamic
random-access memory (DRAM) organized as 262 144 words of 16 bits each interfaced to a serial-data register
[serial-access memory (SAM)] organized as 256 words of 16 bits each. These devices support three basic types
of operation: random access to and from the DRAM, serial access from the serial register, and transfer of data
from the DRAM to the SAM. Except during transfer operations, these devices can be accessed simultaneously
and asynchronously from the DRAM and SAM ports.
The TMS551xx multiport video RAMs provide several functions designed to provide higher system-level
bandwidth and to simplify design integration on both the DRAM and SAM ports (see Table 2). On the DRAM
port, greater pixel draw rates are achieved by the block-write function. The TMS5516x devices’ 4-column
block-write function allows 16 bits of data (present in an on-chip color-data register) to be written to any
combination of four adjacent column-address locations, up to a total of 64 bits of data per CAS cycle time.
Similarly, the TMS5517x devices’ 8-column block-write function allows 16 bits of data to be written to any
combination of eight adjacent column-address locations, up to a total of 128 bits of data per CAS cycle time.
Also on the DRAM port, the write-per-bit (or write mask) function allows masking of any combination of the 16
DQs on any write cycle. The persistent write-per-bit function uses a mask register that, once loaded, can be used
on subsequent write cycles without reloading. All TMS551xx devices offer byte control. Byte control can be
applied in write cycles, block-write cycles, load-write-mask-register cycles, and load-color-register cycles. The
TMS551xx devices offer enhanced page-mode operation that results in faster access time. The TMS551x6
devices also offer extended-data-output (EDO) mode. The EDO mode is effective in both the page-mode and
the standard DRAM cycles.
The TMS551xx devices offer a split-register-transfer (DRAM to SAM) function. This feature enables real-time
register load implementation for continuous serial-data streams without critical timing requirements. The serial
register is divided into a high half and a low half. While one half is being read out of the SAM port, the other half
can be loaded from the DRAM. For applications not requiring real-time register load (for example, loads done
during CRT-retrace periods), the full-register-transfer operation is retained to simplify system design.
The SAM port is designed for maximum performance. Data can be accessed from the SAM at serial rates up
to 55 MHz. A separate output, QSF, is included to indicate which half of the serial register is active. Refreshing
the SAM is not required because the data register that comprises the SAM is static.
All inputs, outputs, and clock signals on the TMS551xx devices are compatible with Series 74 TTL. All address
lines and data-in lines are latched on-chip to simplify system design. All data-out lines are unlatched to allow
greater system flexibility.
All TMS551xx employ TI’s state-of-the-art EPIC scaled-CMOS, double-level polysilicon/polycide gate
technology combining very high performance with improved reliability.
All TMS551xx are offered in a 64-pin small-outline gull-wing-leaded package (DGH suffix) for direct surface
mounting.
The TMS551xx video RAMs and other TI multiport video RAMs are supported by a broad line of graphics
processors and control devices from Texas Instruments.


Similar Part No. - TMS55165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-60DGH TI-TMS55160-60DGH Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-70DGH TI-TMS55160-70DGH Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-70DGHR TI-TMS55160-70DGHR Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55161 TI-TMS55161 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
More results

Similar Description - TMS55165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com