Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS4C2972-26DT Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS4C2972-26DT
Description  245760 BY 12-BIT FIELD MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS4C2972-26DT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS4C2972-26DT Datasheet HTML 4Page - Texas Instruments TMS4C2972-26DT Datasheet HTML 5Page - Texas Instruments TMS4C2972-26DT Datasheet HTML 6Page - Texas Instruments TMS4C2972-26DT Datasheet HTML 7Page - Texas Instruments TMS4C2972-26DT Datasheet HTML 8Page - Texas Instruments TMS4C2972-26DT Datasheet HTML 9Page - Texas Instruments TMS4C2972-26DT Datasheet HTML 10Page - Texas Instruments TMS4C2972-26DT Datasheet HTML 11Page - Texas Instruments TMS4C2972-26DT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TMS4C2972
245760 BY 12-BIT
FIELD MEMORY
SMGS671 – OCTOBER 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
reset write (RSTW) (continued)
To clock in a new block address, in case D0 is used, WE and IE must be kept low while this random block address
is clocked in and for at least another 17 SWCK cycles (up through the 34th positive SWCK transition). Otherwise,
if IE is used, WE only must be brought low starting from the 7th up through the 34th SWCK cycle. On the 35th
SWCK cycle, WE and IE may be brought high again. Therefore, earliest possible writing may begin on the 36th
SWCK cycle and proceed sequentially according to the states of control signals WE, IE, and SWCK, as
described in detail in the following sections of the data sheet.
During the previously described sequence, only one positive RSTW transition is allowed. After RSTW has been
kept high during the first positive SWCK transition, it can be maintained high or brought low as desired. But, once
RSTW has gone low, it cannot be brought high again until the end of the entire 36 SWCK cycles sequence.
Bringing RSTW high any earlier may cause improper operation of the device.
For regular device operations, RSTW cannot stay high for more than 1023 SWCK clock cycles while WE is high;
if it does, the device enters a built-in test mode. After RSTW is brought low, it must remain low for at least two
SWCK cycles before another reset write operation can take place.
wrap-around of pointers
It is not necessary to reset the read and write address pointers in case the memory is used as a delay element
only. For this case (that is, if one or both of the pointers are allowed to increment past their maximum values
of 245 771), the following device behavior must be taken into account:
After reaching the value of 245 771, the pointers will wrap around again to value 12. Pointer incrementing will
then be as follows:
0 .... 11
→ 12 ........... 245771 →
→ 12 ........... 245771 →
→ 12 ........... 245771 →
While it is possible to reset one pointer only and let the other pointer wrap around, this is not recommended
because the user would then have to keep track of the location of both write and read information. Such address
tracking is difficult; therefore, it is recommended to either reset both pointers or to let both pointers wrap around.
If the user wishes to terminate wrap-around operation and change over to reset operation again, it is
recommended to proceed as if the entire memory were filled with invalid data, and to write in new data before
attempting the first read-out.
block address
When the block “0000” is addressed by random-block access mode, the pointer is forced to the value 12, that
is, to the same value the pointer assumes after a wrap-around (see previous section). Consequently, the
correspondence between block addresses and pointer values, is as follows:
Block address (hex)
Pointer value (decimal)
0000
12
0001
52
0002
92
....
....
....
....
17FF
245 732
After a FIFO-mode reset-write operation (that is, reset the pointer to address 0), the first 52 words are written
into an internal SRAM cache. On the other hand, if the pointer is set to 12 or block address 0000, the first
40 words are written into the DRAM core. Read access functions in the same manner.


Similar Part No. - TMS4C2972-26DT

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
TMS400 TELTRON-TMS400 Datasheet
885Kb / 2P
   microwave motion sensor
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
TMS4024JC TI-TMS4024JC Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
TMS4024NC TI-TMS4024NC Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
TMS4027JL TI1-TMS4027JL Datasheet
460Kb / 11P
[Old version datasheet]   4096-bit dynamic random-access memory
More results

Similar Description - TMS4C2972-26DT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM548331 OKI-MSM548331 Datasheet
245Kb / 23P
   222,720-Word x 12-Bit Field Memory
MSM548332 OKI-MSM548332 Datasheet
246Kb / 23P
   278,400-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Texas Instruments
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F210 TI-TMS28F210 Datasheet
367Kb / 25P
[Old version datasheet]   65536 BY 16-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com