Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE6250GV33 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6250GV33
Description  CAN-Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250GV33 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6250GV33 Datasheet HTML 4Page - Infineon Technologies AG TLE6250GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE6250GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE6250GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE6250GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE6250GV33 Datasheet HTML 9Page - Infineon Technologies AG TLE6250GV33 Datasheet HTML 10Page - Infineon Technologies AG TLE6250GV33 Datasheet HTML 11Page - Infineon Technologies AG TLE6250GV33 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TLE 6250
Data Sheet Version 3.4
8
2002-10-08
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
CC
– 0.3
6.5
V
CAN input voltage
(CANH, CANL)
V
CANH/L
– 40
40
V
Logic voltages at
INH, RM, TxD, RxD
V
I
– 0.3
V
CC
V0 V <
V
CC < 5.5 V
Electrostatic discharge
voltage at CANH,CANL
V
ESD
– 6
6
kV
human body model
(100 pF via 1.5 k
Ω)
Electrostatic discharge
voltage
V
ESD
– 2
2
kV
human body model
(100 pF via 1.5 k
Ω)
Temperatures
Junction temperature
T
j
– 40
160
°C


Similar Part No. - TLE6250GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250GV33 INFINEON-TLE6250GV33 Datasheet
544Kb / 26P
   High Speed CAN-Transceiver
Rev. 4.0, April 2008
TLE6250GV33 INFINEON-TLE6250GV33 Datasheet
934Kb / 24P
   High Speed CAN-Transceiver
Rev. 4.1 2017-03-15
TLE6250GV33 INFINEON-TLE6250GV33 Datasheet
769Kb / 24P
   High Speed CAN-Transceiver
Rev. 4.2
More results

Similar Description - TLE6250GV33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com