Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0461130283 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0461130283
Description  1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 28 Signal Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0461130283 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0461130283_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0461130283_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0461130283
Status:
Active
Overview:
EXTreme LPHPower™ Connectors
Description:
1.27mm Pitch, EXTreme LPHPower™ Receptacle Header, Vertical, 28 Signal Contact,
Select Gold (Au) Plating, with BMI Guides
Documents:
3D Model
Packaging Specification PK-46114-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-46114-001-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
46113
Application
Board-to-Board, Signal
Overview
EXTreme LPHPower™ Connectors
Product Name
EXTreme LPHPower™
UPC
800756886152
Physical
(p)ower-(s)ignal Configuration
28s - 0p
Circuits (Loaded)
28
Circuits (maximum)
28
Color - Resin
Black
Durability (mating cycles max)
250
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
3.812/g
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface
1.27mm
Pitch - Termination Interface
1.27mm
Plating min - Mating
0.762µm
Plating min - Termination
1.270µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1.0A
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
46113 Series
Mates With
45985 EXTreme LPHPower™ Header


Similar Part No. - 0461130283_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0461130283 MOLEX11-0461130283 Datasheet
212Kb / 2P
   LPH CERTICAL RECEPTACLE POWER ASSEMBLY 2 CKT-14 CKT , PRESS-FIT
More results

Similar Description - 0461130283_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0461130281 MOLEX1-0461130281_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 28 Signal Contact
0461130121 MOLEX1-0461130121_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 12 Signal Contact
0461130201 MOLEX1-0461130201_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 20 Signal Contact
0461130163 MOLEX1-0461130163_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 16 Signal Contact
0461130241 MOLEX1-0461130241_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 24 Signal Contact
0461130321 MOLEX1-0461130321_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 32 Signal Contact
0461130361 MOLEX1-0461130361_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 36 Signal Contact
0461130363 MOLEX1-0461130363_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 36 Signal Contact
0461130403 MOLEX1-0461130403_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 40 Signal Contact
0461130243 MOLEX1-0461130243_17 Datasheet
33Kb / 2P
   1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 24 Signal Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com