Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4302RGTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4302RGTR
Description  WIDEBAND FIXED-GAIN AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4302RGTR Datasheet(HTML) 2 Page - Texas Instruments

  THS4302RGTR Datasheet HTML 1Page - Texas Instruments THS4302RGTR Datasheet HTML 2Page - Texas Instruments THS4302RGTR Datasheet HTML 3Page - Texas Instruments THS4302RGTR Datasheet HTML 4Page - Texas Instruments THS4302RGTR Datasheet HTML 5Page - Texas Instruments THS4302RGTR Datasheet HTML 6Page - Texas Instruments THS4302RGTR Datasheet HTML 7Page - Texas Instruments THS4302RGTR Datasheet HTML 8Page - Texas Instruments THS4302RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATING
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
THS4302
SLOS403G – OCTOBER 2002 – REVISED JANUARY 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range unless otherwise noted (1)
UNIT
Supply voltage, VS
6 V
Input voltage, VI
±V
S
Output current, IO
200 mA
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ
150
°C
Maximum junction temperature, continuous operation, long term reliability, TJ(2)
125
°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process. Stresses above these
ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not
implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
MIN
MAX
UNIT
Dual supply
±1.5
±2.5
Supply voltage, VCC (VS+ and VS-)
V
Single supply
3
5
Common-mode input voltage range
VS- +1
VS+ -1
V
POWER RATING(2)
PACKAGE
Θ
JC(°C/W)
Θ
JA(°C/W)
(1)
TA ≤ 25°C
TA = 25°C
RGT (16)(3)
2.4
39.5
3.16
1.65 W
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the junction temperature at or below 125
°C for best performance and long
term reliability.
(3)
The THS4302 device may incorporate a PowerPAD™ on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which can permanently damage the device. See TI technical brief SLMA002 and SLMA004 for more information about utilizing the
PowerPAD thermally enhanced package.
AVAILABLE OPTIONS
INTERNAL FIXED GAIN
TRANSPORTATION MEDIA,
PACKAGED DEVICES
PACKAGE TYPE(1)
RESISTOR VALUES (+5)
QUANTITY
RG
RF
THS4302RGTT
Tape and Reel, 250
Leadless (RGT-16)
50
200
THS4302RGTR
Tape and Reel, 3000
(1)
The PowerPAD is electrically isolated from all other pins.
2


Similar Part No. - THS4302RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4302RGTR TI1-THS4302RGTR Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4302RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com