Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3112 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # THS3112
Description  LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

THS3112 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  THS3112 Datasheet HTML 1Page - Burr-Brown (TI) THS3112 Datasheet HTML 2Page - Burr-Brown (TI) THS3112 Datasheet HTML 3Page - Burr-Brown (TI) THS3112 Datasheet HTML 4Page - Burr-Brown (TI) THS3112 Datasheet HTML 5Page - Burr-Brown (TI) THS3112 Datasheet HTML 6Page - Burr-Brown (TI) THS3112 Datasheet HTML 7Page - Burr-Brown (TI) THS3112 Datasheet HTML 8Page - Burr-Brown (TI) THS3112 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
THS3112
THS3115
SLOS385 – SEPTEMBER 2001
LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
1
www.ti.com
FEATURES
D Low Noise
– 2.9 pA/
√Hz Noninverting Current Noise
– 10.8 pA/
√Hz Inverting Current Noise
– 2.2 nV/
√Hz Voltage Noise
D Wide Supply Voltage Range ±5 V to ±15 V
D Wide Output Swing
– 25 VPP Output Voltage, RL = 100 Ω, ±15-V
Supply
D High Output Current, 150 mA (Min)
D High Speed
– 110 MHz (–3 dB, G=1,
±15 V)
– 1550 V/
µs Slew Rate (G = 2, ±15 V)
D Low Distortion, G = 2
– -78 dBc (1 MHz, 2 VPP, 100-Ω load)
D Low Power Shutdown (THS3115)
– 300-
µA Shutdown Quiescent Current Per
Channel
D Thermal Shutdown and Short Circuit
Protection
D Standard SOIC, SOIC PowerPAD, and
TSSOP PowerPAD
 Package
D Evaluation Module Available
APPLICATIONS
D Communication Equipment
D Video Distribution
D Motor Drivers
D Piezo Drivers
DESCRIPTION
The THS3112/5 are low-noise, high-speed current
feedback amplifiers, ideal for any application requiring
high output current. The low noninverting current noise
of 2.9 pA/
√Hz and the low inverting current noise of 10.8
pA/
√Hz increase signal to noise ratios for enhanced
signal resolution. The THS3112/5 can operate from
±5-V to ±15-V supply voltages, while drawing as little as
4.5 mA of supply current per channel. It offers low
–78-dBc total harmonic distortion driving 2 VPP into a
100-
Ω load. The THS3115 features a low power
shutdown mode, consuming only 300-
µA shutdown
quiescent current per channel. The THS3112/5 is
packaged in a standard SOIC, SOIC PowerPAD
, and
TSSOP PowerPAD packages.
1
10
100
10
100
1 K
10 K
100 K
f – Frequency – Hz
VOLTAGE NOISE AND CURRENT NOISE
vs
FREQUENCY
In–
In+
Vn
VCC = ±5 V to ±15 V
TA = 25°C
THS3112
SOIC (D) AND
SOIC PowerPAD
(DDA) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1 OUT
1 IN–
1 IN+
VCC–
VCC+
2 OUT
2 IN–
2 IN+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1 OUT
1 IN–
1 IN+
VCC–
N/C
GND
N/C
VCC+
2 OUT
2 IN–
2 IN+
N/C
SHUTDOWN
N/C
THS3115
SOIC (D) AND
TSSOP PowerPAD
(PWP) PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - THS3112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3112 TI1-THS3112 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3112CD TI1-THS3112CD Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3112CDDA TI1-THS3112CDDA Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3112CDDAG3 TI1-THS3112CDDAG3 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3112CDG4 TI1-THS3112CDG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
More results

Similar Description - THS3112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com