Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9018W Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S9018W
Description  Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S9018W Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S9018W_14 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S9018W_14 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S9018W_14 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Epitaxial Planar Transistor
S9018W
F060
www.gmicroelec.com
Rev.A
1
FEATURES
High current gain bandwidth product.
power dissipation.(PC=200mW)
APPLICATIONS
NPN epitaxial silicon transistor.
ORDERING INFORMATION
SOT-323
Type No.
Marking
Package Code
S9018
J8
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
25
V
VCEO
Collector-Emitter Voltage
18
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current -Continuous
50
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
25
V
Collector-emitter breakdown voltage V(BR)CEO
IC=0.1mA,IB=0
18
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
4
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=15V,IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=3V,IC=0
0.1
μA
DC current gain
hFE
VCE=5V,IC=1mA
70
190
Collector-emitter saturation voltage
VCE(sat)
IC=10 mA, IB= 1mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=10 mA, IB= 1mA
1.4
V
Transition frequency
fT
VCE=5V, IC= 5mA
f=400MHz
600
MHz
Pb
Lead-free


Similar Part No. - S9018W_14

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S9018W SECOS-S9018W_15 Datasheet
301Kb / 2P
   Plastic Encapsulated Transistor
More results

Similar Description - S9018W_14

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com