Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

432202102641 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # 432202102641
Description  Dimensions for product: E42/21/15
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

432202102641 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  432202102641 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 432202102641 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E42/21/15
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C91
nH/turns²
25%
25%
5300
3C92
nH/turns²
25%
25%
3100
3C94
nH/turns²
25%
25%
4100
3C95
nH/turns²
25%
25%
5300
3F36
nH/turns²
25%
25%
2700
Power loss: 3C91
Measuring conditions
Unit
Max
100 kHz
W/set
8.700
200 mT
60 ºC
Power loss: 3C92
Measuring conditions
Unit
Max
100 kHz
W/set
8.700
200 mT
100 ºC
Power loss: 3C94
Measuring conditions
Unit
Max
100 kHz
W/set
8.700
200 mT
100 ºC
Symbol
Effective parameters
Parameter
Value
Unit
0.548
mm⁻¹
Ve
17300
mm³
Le
97
mm
Ae
178
mm²
Amin
175
mm²
∑(I/A)
≈ 44
core factor (C1)
effective volume
effective length
effective area
minimum area
m
E42/21/15
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: E42/21/15
41.30
mm
A
0.00
1.70
43.00
43.00
29.50
mm
B
1.40
0.00
30.90
29.50
11.70
mm
C
0.00
0.50
12.20
12.20
20.80
mm
D
0.20
0.20
21.20
21.00
14.80
mm
E
0.60
0.00
15.40
14.80
14.60
mm
F
0.00
0.60
15.20
15.20
2016


Similar Part No. - 432202102641

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
432202103701 FERROXCUBE-432202103701 Datasheet
79Kb / 2P
   Dimensions for product: EC35/17/10
432202103741 FERROXCUBE-432202103741 Datasheet
79Kb / 2P
   Dimensions for product: EC35/17/10
432202103751 FERROXCUBE-432202103751 Datasheet
79Kb / 2P
   Dimensions for product: EC35/17/10
432202104521 FERROXCUBE-432202104521 Datasheet
73Kb / 2P
   Dimensions for product: E65/32/27
432202106791 FERROXCUBE-432202106791 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
More results

Similar Description - 432202102641

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLA-E42 FERROXCUBE-CLA-E42_17 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
CPH-E42 FERROXCUBE-CPH-E42 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
CP-E42 FERROXCUBE-CP-E42 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
CP-E55 FERROXCUBE-CP-E55 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
SPR-E55-28-21 FERROXCUBE-SPR-E55-28-21 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
CLA-E55 FERROXCUBE-CLA-E55_17 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
CLA-E30 FERROXCUBE-CLA-E30_17 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CP-E30 FERROXCUBE-CP-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CLI-EFD30 FERROXCUBE-CLI-EFD30_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD30/15/9
CSH-E30 FERROXCUBE-CSH-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com