Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

432202103701 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # 432202103701
Description  Dimensions for product: EC35/17/10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

432202103701 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  432202103701 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 432202103701 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EC35/17/10
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C91
nH/turns²
25%
25%
3400
3C94
nH/turns²
25%
25%
2400
Power loss: 3C91
Measuring conditions
Unit
Max
100 kHz
W/set
3.300
200 mT
60 ºC
Power loss: 3C94
Measuring conditions
Unit
Max
100 kHz
W/set
3.300
200 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C91
25 kHz
mT
320
250 A/m
100 ºC
3C94
Symbol
Effective parameters
Parameter
Value
Unit
0.918
mm⁻¹
Ve
6530
mm³
Le
77.4
mm
Ae
84.3
mm²
Amin
71
mm²
∑(I/A)
≈ 19
core factor (C1)
effective volume
effective length
effective area
minimum area
m
EC35/17/10
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: EC35/17/10
35.30
mm
A
22.20
mm
B
0.55
0.55
23.30
22.75
9.20
mm
C
0.30
0.30
9.80
9.50
17.15
mm
D
0.15
0.15
17.45
17.30
11.90
mm
E
0.40
0.40
12.70
12.30
9.20
mm
F
0.30
0.30
9.80
9.50
2016


Similar Part No. - 432202103701

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
432202100921 FERROXCUBE-432202100921 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
432202100931 FERROXCUBE-432202100931 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
432202102641 FERROXCUBE-432202102641 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
432202104521 FERROXCUBE-432202104521 Datasheet
73Kb / 2P
   Dimensions for product: E65/32/27
432202106791 FERROXCUBE-432202106791 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
More results

Similar Description - 432202103701

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-EC35-1S FERROXCUBE-CP-EC35-1S_17 Datasheet
79Kb / 2P
   Dimensions for product: EC35/17/10
BPL4-EC70-C FERROXCUBE-BPL4-EC70-C Datasheet
79Kb / 2P
   Dimensions for product: EC70/34/17
CSCI-ETD34-1S-7P-T FERROXCUBE-CSCI-ETD34-1S-7P-T_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD34/17/11
CLI-ETD34 FERROXCUBE-CLI-ETD34_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD34/17/11
CSCO-ETD34-1S-7P-T FERROXCUBE-CSCO-ETD34-1S-7P-T_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD34/17/11
CP-EC70-1S FERROXCUBE-CP-EC70-1S_17 Datasheet
79Kb / 2P
   Dimensions for product: EC70/34/17
CSH-E20 FERROXCUBE-CSH-E20 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CPCO-E20-6-1S-5P-TZ FERROXCUBE-CPCO-E20-6-1S-5P-TZ Datasheet
77Kb / 2P
   Dimensions for product: E20/10/6
CPH-E20-10-6-1S-8P FERROXCUBE-CPH-E20-10-6-1S-8P Datasheet
77Kb / 2P
   Dimensions for product: E20/10/6
CLA-E20-10-5 FERROXCUBE-CLA-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com