Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2525N644 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T2525N644
Description  IR RECEIVER ASSP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2525N644 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T2525N644 Datasheet HTML 2Page - ATMEL Corporation T2525N644 Datasheet HTML 3Page - ATMEL Corporation T2525N644 Datasheet HTML 4Page - ATMEL Corporation T2525N644 Datasheet HTML 5Page - ATMEL Corporation T2525N644 Datasheet HTML 6Page - ATMEL Corporation T2525N644 Datasheet HTML 7Page - ATMEL Corporation T2525N644 Datasheet HTML 8Page - ATMEL Corporation T2525N644 Datasheet HTML 9Page - ATMEL Corporation T2525N644 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
T2525
4657D–AUTO–11/03
Figure 8. Test Circuit
Figure 9. Application Circuit
V
DD = 5 V
T2525
C
1
4.7 µF
R
1 = 220
IN
VS
OUT
GND
400k
1 nF
-
+
1 nF
DC
20k
20k
I
Ee
=
D U1/400K
DU1
I
IN
DU2
t
PER = 10 ms
16
f
0
V
PULSE
I
IN_AC100
~
I
Ee
I
IN_DC
I
IN_DC = DU2/40k
T2525
R2(1) > 2.4k
Microcontroller
V
DD = 5 V
C
1 = 4.7 µF
C
2
(1) = 470 pF
(1) optional
R
1 = 220
IN
VS
OUT
GND
RPU
I
S
I
OCL
I
L
V
O
V
IN
I
IN
I
Ee
I
IN_DC


Similar Part No. - T2525N644

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S0xxC-DDW ATMEL-T2525S0xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S1xxC-DDW ATMEL-T2525S1xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S2xxC-DDW ATMEL-T2525S2xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
More results

Similar Description - T2525N644

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com