Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2450BP41D100AE Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 2450BP41D100AE
Description  2.45 GHz Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450BP41D100AE Datasheet(HTML) 2 Page - Johanson Technology Inc.

  2450BP41D100AE Datasheet HTML 1Page - Johanson Technology Inc. 2450BP41D100AE Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“High Frequency Ceramic Solutions”
www.johanson technology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2.45 GHz Band Pass Filter
P/N 2450BP41D100A
Detail Specification
02/12/2003
Page 1 of 2
Typical Transmission / Return Loss: P/N 2450BP41D100A
Freq. (GHz)
dB (S22)
dB (S11)
dB (S21)


Similar Part No. - 2450BP41D100AE

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BP41D100A JOHANSON-2450BP41D100A Datasheet
93Kb / 2P
   2.45 GHz Band Pass Filter
More results

Similar Description - 2450BP41D100AE

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2500BP15M400 JOHANSON-2500BP15M400 Datasheet
127Kb / 2P
   2.45 GHz Band Pass Filter
2450BP15J0100 JOHANSON-2450BP15J0100 Datasheet
208Kb / 3P
   2.45 GHz Band Pass Filter
2500BP15M400 JOHANSON-2500BP15M400_09 Datasheet
203Kb / 2P
   2.45 GHz Band Pass Filter
2450BP41D100BE JOHANSON-2450BP41D100BE Datasheet
113Kb / 2P
   2.45 GHz Band Pass Filter
2450BP18C100D JOHANSON-2450BP18C100D Datasheet
124Kb / 2P
   2.45 GHz Band Pass Filter
2450BP39D100C JOHANSON-2450BP39D100C Datasheet
117Kb / 2P
   2.45 GHz Band Pass Filter
2450BP15D100 JOHANSON-2450BP15D100 Datasheet
90Kb / 2P
   2.45 GHz Band Pass Filter
2450BP39E100A JOHANSON-2450BP39E100A Datasheet
72Kb / 2P
   2.45 GHz Band Pass Filter
2450BP39C100D JOHANSON-2450BP39C100D Datasheet
85Kb / 2P
   2.45 GHz Band Pass Filter
2450BP15P0100 JOHANSON-2450BP15P0100 Datasheet
218Kb / 2P
   2.45 GHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com