Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610406-03 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610406-03
Description  8-bit Microcontroller with a Built-in LCD driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610406-03 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL610406-03 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
FEDL610406-05
ML610404/ML610405/ML610406
9/30
Pad Coordinates of ML610404/ML610405/M610406 Chip
Table 1 Pad Coordinates of ML610404/ML610405/ML610406
Chip Center: X=0,Y=0
ML610404/5/6
ML610404/5/6
PAD
No.
Pad
Name
X (µm)
Y (µm)
PAD
No.
Pad
Name
X (µm)
Y (µm)
1
P50
-773
-944
44
SEG20
450
944
2
P40
-693
-944
45
SEG21
370
944
3
P41
-613
-944
46
SEG22
290
944
4
P42
-533
-944
47
SEG23
210
944
5
P43
-453
-944
P67
(*1)
6
P44
-373
-944
48
SEG24
(*2)(*3)
115
944
7
P45
-293
-944
P66
(*1)
8
P46
-213
-944
49
SEG25
(*2)(*3)
35
944
9
P47
-133
-944
P65
(*1)
10
VDD
-53
-944
50
SEG26
(*2)(*3)
-45
944
11
VSS
27
-944
P64
(*1)
12
VDDL
107
-944
51
SEG27
(*2)(*3)
-125
944
13
XT0
187
-944
P63
(*1)(*2)
14
XT1
347
-944
52
SEG28
(*3)
-205
944
15
RESET_N
427
-944
P62
(*1)(*2)
16
TEST0
507
-944
53
SEG29
(*3)
-285
944
17
VL1
587
-944
P61
(*1)(*2)
18
VL2
667
-944
54
SEG30
(*3)
-365
944
19
VL3
747
-944
P60
(*1)(*2)
20
C1
944
-810
55
SEG31
(*3)
-445
944
21
C2
944
-730
56
VSS
-525
944
22
COM0
944
-650
57
P20
-605
944
23
COM1
944
-570
58
P21
-685
944
24
COM2/SEG0
944
-490
59
P22
-765
944
25
COM3/SEG1
944
-410
60
P24
-944
717
26
COM4/SEG2
944
-330
61
P00
-944
617
27
SEG3
944
-250
62
P01
-944
537
28
SEG4
944
-170
63
P02
-944
457
29
SEG5
944
-90
64
P03
-944
377
30
SEG6
944
-10
65
P04
-944
297
31
SEG7
944
70
66
P30
-944
217
32
SEG8
944
150
67
P31
-944
137
33
SEG9
944
230
68
P34
-944
57
34
SEG10
944
310
69
P32
-944
-23
35
SEG11
944
390
70
P33
-944
-103
36
SEG12
944
470
71
P35
-944
-183
37
SEG13
944
550
72
P57
-944
-263
38
SEG14
944
630
73
P56
-944
-343
39
SEG15
944
710
74
P55
-944
-423
40
SEG16
770
944
75
P54
-944
-503
41
SEG17
690
944
76
P53
-944
-583
42
SEG18
610
944
77
P52
-944
-663
43
SEG19
530
944
78
P51
-944
-743
(*1) Pad for ML610404 . (*2) Pad for ML610405. (*3) Pad for ML610406


Similar Part No. - FEDL610406-03

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610403-04 LAPIS-FEDL610403-04 Datasheet
290Kb / 27P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-01 LAPIS-FEDL610409-01 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-02 LAPIS-FEDL610409-02 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-03 LAPIS-FEDL610409-03 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-04 LAPIS-FEDL610409-04 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610406-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com