Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMR5104J100J03L16.5CBULK Datasheet(PDF) 1 Page - Kemet Corporation

Part # SMR5104J100J03L16.5CBULK
Description  Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 100 V, 125C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMR5104J100J03L16.5CBULK Datasheet(HTML) 1 Page - Kemet Corporation

  SMR5104J100J03L16.5CBULK Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 870067b4-a403-471b-a5b4-51f26ec8aa72
KEMET Part Number: SMR5104J100J03L16.5CBULK
(F211JL104J100ALG5C)
Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 100 V, 125C, Lead Spacing = 5mm
Dimensions
L
7.2mm MAX
H
9mm MAX
T
4.5mm MAX
S
5mm +/-0.4mm
LL
16.5mm +/-0.5mm
F
0.5mm +/-0.05mm
G
0.5mm NOM
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1000
General Information
Dielectric: Metallized PPS
Style: Radial
Series: SMR/F211
RoHS: Yes
Lead: Wire Leads
Miscellaneous: The rated voltage decreases 2%/
C between +125C and +150C
Notes: Case Size = JL
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 5%
Voltage DC: 100 VDC
Voltage AC: 63 VAC
Temperature Range: -55/+150C
Rated Temperature: 125C
Dissipation Factor: 0.15% 1kHz, 0.25% 10kHz, 0.6%
100kHz
Insulation Resistance: 15 GOhms
Max dVdt: 15 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - SMR5104J100J03L16.5CBULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMR5104J100J01L4BULK KEMET-SMR5104J100J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
More results

Similar Description - SMR5104J100J03L16.5CBULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMR5104J50J01L16.5CBULK KEMET-SMR5104J50J01L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 50 V, 125C, Lead Spacing = 5mm
SMR5104J63J02L16.5CBULK KEMET-SMR5104J63J02L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 63 V, 125C, Lead Spacing = 5mm
SMR5224J100J06L16.5CBULK KEMET-SMR5224J100J06L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.22 uF, 5%, 100 V, 125C, Lead Spacing = 5mm
SMR5473J100J02L16.5CBULK KEMET-SMR5473J100J02L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.047 uF, 5%, 100 V, 125C, Lead Spacing = 5mm
SMR5103J100J01L16.5CBULK KEMET-SMR5103J100J01L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.01 uF, 5%, 100 V, 125C, Lead Spacing = 5mm
SMR15104J400B10L16.5CBULK KEMET-SMR15104J400B10L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 400 V, 125C, Lead Spacing = 15mm
SMR5223J50J01L16.5CBULK KEMET-SMR5223J50J01L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.022 uF, 5%, 50 V, 125C, Lead Spacing = 5mm
SMR5474J63J05L16.5CBULK KEMET-SMR5474J63J05L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.47 uF, 5%, 63 V, 125C, Lead Spacing = 5mm
SMR5473J50J01L16.5CBULK KEMET-SMR5473J50J01L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.047 uF, 5%, 50 V, 125C, Lead Spacing = 5mm
SMR5105J50J06L16.5CBULK KEMET-SMR5105J50J06L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 1 uF, 5%, 50 V, 125C, Lead Spacing = 5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com