Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610402 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610402
Description  8-bit Microcontroller with a Built-in LCD driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610402 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610402 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610402 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610402 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610402 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610402 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610402 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML610402 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610402 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610402 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
FEDL610403-04
ML610401/ML610402/ML610403
8/27
ML610401/ML610402/ML610403 Pad Coordinates
Table 1 ML610401/ML610402/ML610403 Pad Coordinates
Chip Center: X=0,Y=0
ML610401/2/3
ML610401/2/3
PAD
No.
Pad
Name
X (µm)
Y (µm)
PAD
No.
Pad
Name
X (µm)
Y (µm)
1
P43
-598
-769
P66
(*1)
2
P44
-518
-769
35
SEG15
(*2)(*3)
375
769
3
P45
-438
-769
P65
(*1)
4
P46
-358
-769
36
SEG16
(*2)(*3)
295
769
5
P47
-278
-769
P64
(*1)
6
VDD
-198
-769
37
SEG17
(*2)(*3)
215
769
7
VSS
-118
-769
P63
(*1)(*2)
8
VDDL
-38
-769
38
SEG18
(*3)
135
769
9
XT0
42
-769
P62
(*1)(*2)
10
XT1
202
-769
39
SEG19
(*3)
55
769
11
RESET_N
282
-769
P61
(*1)(*2)
12
TEST0
362
-769
40
SEG20
(*3)
-25
769
13
VL1
522
-769
P60
(*1)(*2)
14
VL2
602
-769
41
SEG21
(*3)
-105
769
15
VL3
682
-769
42
VSS
-185
769
16
C1
804
-600
43
P20
-265
769
17
C2
804
-520
44
P21
-345
769
18
COM0
804
-440
45
P22
-425
769
19
COM1
804
-360
46
P24
-505
769
20
COM2/SEG0
804
-280
47
P00
-605
769
21
COM3/SEG1
804
-200
48
P01
-804
600
22
COM4/SEG2
804
-120
49
P02
-804
520
23
SEG3
804
-40
50
P03
-804
440
24
SEG4
804
40
51
P30
-804
360
25
SEG5
804
120
52
P31
-804
280
26
SEG6
804
200
53
P34
-804
200
27
SEG7
804
280
54
P32
-804
120
28
SEG8
804
360
55
P33
-804
40
29
SEG9
804
440
56
P35
-804
-40
30
SEG10
804
520
57
P53
-804
-120
31
SEG11
804
600
58
P52
-804
-200
32
SEG12
645
769
59
P51
-804
-280
33
SEG13
565
769
60
P50
-804
-360
P67
(*1)
61
P40
-804
-440
34
SEG14
(*2)(*3)
455
769
62
P41
-804
-520
63
P42
-804
-600
(*1) ML610401 pad name, (*2) ML610402 pad name, (*3) ML610403 pad name


Similar Part No. - ML610402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610401 ETC2-ML610401 Datasheet
626Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
ML610404 ETC2-ML610404 Datasheet
380Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610404 LAPIS-ML610404 Datasheet
380Kb / 30P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610405 ETC2-ML610405 Datasheet
380Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610405 LAPIS-ML610405 Datasheet
380Kb / 30P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com