Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2525N338 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T2525N338
Description  IR RECEIVER ASSP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2525N338 Datasheet(HTML) 3 Page - ATMEL Corporation

  T2525N338 Datasheet HTML 1Page - ATMEL Corporation T2525N338 Datasheet HTML 2Page - ATMEL Corporation T2525N338 Datasheet HTML 3Page - ATMEL Corporation T2525N338 Datasheet HTML 4Page - ATMEL Corporation T2525N338 Datasheet HTML 5Page - ATMEL Corporation T2525N338 Datasheet HTML 6Page - ATMEL Corporation T2525N338 Datasheet HTML 7Page - ATMEL Corporation T2525N338 Datasheet HTML 8Page - ATMEL Corporation T2525N338 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
T2525
4657D–AUTO–11/03
Electrical Characteristics
Tamb = 25°C, VS = 5 V unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Supply
1.1
Supply-voltage range
1
V
S
4.555.5
V
C
1.2
Supply current
I
IN = 0
1
I
S
0.8
1.1
1.4
mA
B
2Output
2.1
Internal pull-up
resistor
(1)
T
amb = 25°C;
see Figure 9 on page 7
1,3
RPU
30/40
k
W
A
2.2
Output voltage low
I
L = 2 mA;
see Figure 9 on page 7
3,6
V
OL
250
mV
B
2.3
Output voltage high
3,1
V
OH
V
S - 0.25
Vs
V
B
2.4
Output current
clamping
R
2 = 0;
see Figure 9 on page 7
3,6
I
OCL
8mA
B
3
Input
3.1
Input DC current
V
IN = 0;
see Figure 9 on page 7
5IIN_DCMAX
-85
µA
C
3.2
Input DC current;
Figure 4 on page 5
V
IN = 0; Vs = 5 V,
T
amb = 25°C
5IIN_DCMAX
-530
-960
µA
B
3.3
Minimum detection
threshold current;
Figure 3 on page 5
Test signal:
see Figure 8 on page 7
V
S = 5 V,
T
amb = 25°C,
IIN_DC = 1 µA;
square pp,
burst N = 16,
f = f
0; tPER = 10 ms,
Figure 8 on page 7;
BER = 50
(2)
3
IEemin
-520
pA
B
3.4
Minimum detection
threshold current with
AC current disturbance
IIN_AC100 = 3 µA at
100 Hz
Test signal:
see Figure 8 on page 7
VS = 5 V,
T
amb = 25°C,
IIN_DC = 1 µA,
square pp,
burst N = 16,
f = f
0; tPER = 10 ms,
Figure 8 on page 7;
BER = 50%
(2)
3
IEemin
-800
pA
C
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Depending on version, see “Ordering Information”
2. BER = Bit Error Rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
3. After transformation of input current into voltage


Similar Part No. - T2525N338

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S0xxC-DDW ATMEL-T2525S0xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S1xxC-DDW ATMEL-T2525S1xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S2xxC-DDW ATMEL-T2525S2xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
More results

Similar Description - T2525N338

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com