Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610409-02 Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610409-02
Description  8-bit Microcontroller with a Built-in LCD driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610409-02 Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL610409-02 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDL610409-02 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL610409-02 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL610409-02 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL610409-02 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610409-02 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610409-02 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610409-02 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL610409-02 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
FEDL610409-08
ML610407/ML610408/ML610409
6/34
CHIP PAD LAYOUT
ML610407 Chip Pad Layout & Dimension
Note:
The assignment of the pads P30 to P35 are not in order.
Chip size: 2.26 mm × 2.17 mm
PAD count: 86 pins
Minimum PAD pitch: 80
µm
PAD aperture: 70
µm×70µm
Chip thickness: 350
µm
Voltage of the rear side of chip: VSS level.
Figure 2 ML610407 Chip Pin Layout & Dimension
28
27
26
25
P53
P54
P55
P56
P57
P35
P33
P32
P34
P31
86
P30
85
P04
84
P03
83
P02
82
P01
81
P00
80
P24
79
P22
78
P21
77
P20
76
VSS
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
COM4/SEG2
COM3/SEG1
COM2/SEG0
COM1
COM0
C2
C1
31
30
29
34
33
32
37
36
35
40
39
38
43
42
41
24
23
22
72
71
70
69
68
67
74
73
Y
X
2.17mm
2.26mm
66
75


Similar Part No. - FEDL610409-02

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610403-04 LAPIS-FEDL610403-04 Datasheet
290Kb / 27P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610406-01 LAPIS-FEDL610406-01 Datasheet
380Kb / 30P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610406-02 LAPIS-FEDL610406-02 Datasheet
380Kb / 30P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610406-03 LAPIS-FEDL610406-03 Datasheet
380Kb / 30P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610406-04 LAPIS-FEDL610406-04 Datasheet
380Kb / 30P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610409-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com