Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL9484-01 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL9484-01
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL9484-01 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  FEDL9484-01 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDL9484-01 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDL9484-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL9484-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL9484-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL9484-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL9484-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL9484-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL9484-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FEDL9484-01
ML9484
5/29
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 to 5.5 V, VLCD = 4.5 to 5.5 V, Ta= -40 to +105°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
pin
"H" input voltage
VIH
0.8VDD
VDD
V
(*1)
"L" input voltage
VIL
GND
0.2VDD
V
(*1)
Input leakage current 1
IL1
VI = VDD or 0 V
-1
1
μA
(*2)
Input leakage current 2
IL2
VI = VDD
-1
1
μA
RESETB
Pull-up current
Ipu
VDD = 5.0V,VI = 0 V
30
140
μA
RESETB
Segment
VOHS
VLCD = 5V
5
15
k
SEG1 to
SEG50
Driver
ON resistor
Common
VOHC
VLCD = 5V
5
12
k
COM 1 to
COM4
IDDS
1
7
μA
VDD
Static supply current
ILCDS
VDD=VLCD=5.5 V
Input pin fixed to "H" or "L"
Oscillation stopped,
output no-load
9
15
μA
VLCD
IDD1
2
10
μA
VDD
Dynamic supply
current 1
ILCD1
VDD=VLCD= 5.5 V (*3)
Clock OSC external input
fCP1=1.8kHz
9
15
μA
VLCD
IDD2
53
82
μA
VDD
Dynamic supply
current 2
ILCD2
VDD=VLCD= 5.5 V (*4)
Internal oscillation=95Hz
9
15
μA
VLCD
(*1) : DATA, CLOCK, LOAD, RESETB, OSC, OSC I/E
(*2) : DATA, CLOCK, LOAD, OSC, OSC I/E
(*3) : 1/4-duty, 1/3-bias, OSCI/E=”L”, Output pin no-load.
(*4) : 1/4-duty, 1/3-bias, OSCI/E=”H”, (F2, F, F0) = (0, 1, 1) 95 Hz, Output pin no-load.


Similar Part No. - FEDL9484-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL9480-01 LAPIS-FEDL9480-01 Datasheet
365Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
FEDL9488-01 LAPIS-FEDL9488-01 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results

Similar Description - FEDL9484-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9480 ETC2-ML9480 Datasheet
444Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
   Static 1/2 1/3 1/4 Duty LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com