Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1575AT44A0010E Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # 1575AT44A0010E
Description  1575MHz GPS Ultra-Compact Ceramic Chip Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

1575AT44A0010E Datasheet(HTML) 3 Page - Johanson Technology Inc.

  1575AT44A0010E Datasheet HTML 1Page - Johanson Technology Inc. 1575AT44A0010E Datasheet HTML 2Page - Johanson Technology Inc. 1575AT44A0010E Datasheet HTML 3Page - Johanson Technology Inc. 1575AT44A0010E Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1575MHz GPS Ultra-Compact Ceramic Chip Antenna
P/N 1575AT44A0010
Detail Specification:
Page 3 of 4
Typical Electrical Characteristics (T=25
oC)
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2012 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
9/24/2012
)
Test Board - (units in mm)
50
7.5
6
No ground
Ground
Via
0 Ohm
Antenna
100
1.2
1.4
1.6
1.8
1.0
2.0
-20
-10
-30
0
freq, GHz
m1
m2
m3
m1
freq=
dB(S(1,1))=-15.811
1.570GHz
m2
freq=
dB(S(1,1))=-21.451
1.580GHz
m3
freq=
dB(S(1,1))=-28.248
1.575GHz
Typical Return Loss:
Test Board p/n: 1575AT44A0010‐EB1SMA


Similar Part No. - 1575AT44A0010E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1575AT44A0010 JOHANSON-1575AT44A0010 Datasheet
171Kb / 4P
   High Frequency Ceramic Solutions
More results

Similar Description - 1575AT44A0010E

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACAG0301-1575-T ABRACON-ACAG0301-1575-T Datasheet
3Mb / 6P
   1575MHz GPS Ceramic Chip Antenna
06.21.2018
logo
Taoglas antenna solutio...
GP1575353A02 TAOGLAS-GP1575353A02 Datasheet
756Kb / 13P
   3.5mm thick GPS Patch Antenna, 1575MHz
logo
List of Unclassifed Man...
GP1575124A02 ETC2-GP1575124A02 Datasheet
589Kb / 12P
   4mm thick GPS Patch Antenna, 1575MHz
GP1575353A ETC2-GP1575353A Datasheet
875Kb / 11P
   3.5mm thick GPS Patch Antenna, 1575MHz
GP1575182A02 ETC2-GP1575182A02 Datasheet
607Kb / 12P
   2mm thick GPS Patch Antenna, 1575MHz
GP1575154B02 ETC2-GP1575154B02 Datasheet
540Kb / 9P
   15mm,15mm,4mm 1575mhz GPS Patch Antenna
logo
Taoglas antenna solutio...
GP1575154B02 TAOGLAS-GP1575154B02 Datasheet
709Kb / 8P
   15mm*15mm*4mm 1575mhz GPS/GALILEO Patch Antenna
logo
List of Unclassifed Man...
ANT-2.4-CHP-x ETC2-ANT-2.4-CHP-x Datasheet
218Kb / 1P
   ULTRA COMPACT CHIP ANTENNA
logo
Pulse A Technitrol Comp...
W3062A PULSE-W3062A Datasheet
265Kb / 5P
   1.575GHz GPS Ceramic Chip Antenna
logo
Taoglas antenna solutio...
DSGP1575182A02 TAOGLAS-DSGP1575182A02 Datasheet
1Mb / 15P
   GPS L1 / GALILEO E1 1575MHz 18*18*2mm Ceramic Patch SMT Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com