Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9289 Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9289
Description  Vacuum fluorescent display tube controller driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9289 Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9289 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9289 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9289 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9289 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9289 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9289 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9289 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9289 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9289 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
FEDL9289-01
ML9289-xx
6/31
PIN DESCRIPTION
Pin
QFP
TQFP
Symbol
Type
Connects to
Description
28–38,
40–44
31-41,
43-47
SEG1–16
O
VFD tube anode
electrode
VFD tube anode electrode drive output.
Directly connected to the VFD tube and no pull-down
resistor is required.
IOH > –6 mA
1–16
1-11,
14-18
COM1–16
O
VFD tube grid
electrode
VFD tube grid electrode drive output.
Directly connected to the VFD tube and no pull-down
resistor is required.
IOH > –30 mA
26, 27
29,30
AD1–2
O
VFD tube anode
electrode
VFD tube anode electrode drive output.
Directly connected to the VFD tube and no pull-down
resistor is required.
IOH > –15 mA
18, 25
20,28
VDISP
20
22
VDD
17,39
19,42
GND
Power supply
The voltage supply between VDD and GND is for the
power supply for the internal logic.
The voltage supply between VDISP and GND is for the
power supply for driving the VFD tube.
Apply power to VDD first, then to VDISP.
24
27
DA
I
Microcontroller
Serial data input pin.
Data is input from the LSB.
23
26
CP
I
Microcontroller
Shift clock input pin.
Serial data is shifted in on a rising edge of
CP when CS
pin is “L” level.
22
25
CS
I
Microcontroller
Chip select input pin.
Serial data transfer is enabled when
CS pin is “L” level.
21
23
RESET
l
Microcontroller
Reset input.
Setting this pin to “Low” initializes all the functions.
Initial status is as follows.
• Address of each RAM ............... Address “00”H
• Data of each RAM..................... Content is undefined
• Display digit............................... 16 digits
• Brightness adjustment .............. 0/16
• All display lights ON or OFF...... OFF mode
• All outputs ................................. Low level
Pin for RC oscillation.
Resistors and capacitors are connected externally and
constants vary depending on the VDD voltage used.
The target oscillation frequency is 2MHz.
19
21
OSC0
I/O
C1, R1
OSC0
R1
C1
(RC oscillator circuit)
*Refer
to
the
Application
Circuit.
-
12,13,
24,48
N.C
-
Open
No-Connection pin.


Similar Part No. - ML9289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results

Similar Description - ML9289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209 OKI-ML9209 Datasheet
384Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-XX ETC2-ML9286-XX Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
FEDL9286-03 ETC2-FEDL9286-03 Datasheet
388Kb / 37P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com