Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL9059E-01 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL9059E-01
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL9059E-01 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL9059E-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL9059E-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL9059E-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL9059E-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL9059E-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL9059E-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL9059E-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL9059E-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL9059E-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
FEDL9059E-01
LAPIS Semiconductor
ML9059E
7/72
 Operating current consumption value
(1) During display operation, internal power supply OFF (The current flowing through VDD with V1 to V5
externally applied when an external power supply is used, not including the current for the LCD drive)
[VSS = 0 V, Tj = 25°C]
Rated value
Display mode
Symbol
Condition
Min
Typ
Max
Unit
VDD = 5 V, V1- VSS = 11 V, no load
16
45
All-white
IDD
VDD = 3.7 V, V1- VSS = 8 V, no load
12
35
A
VDD = 5 V, V1- VSS = 11 V, no load
16
45
Checker pattern
IDD
VDD = 3.7 V, V1- VSS = 8 V, no load
12
35
A
(2) During display operation, internal power supply ON (Total of currents flowing through VDD and VIN)
[VSS = 0 V, Tj = 25°C]
Rated value
Display
mode
Symbol
Condition
Min
Typ
Max
Unit
Frame reversal,
VDD, VIN = 5 V, 3-time
voltage multiplication
V1 - VSS= 11 V, no load
100
170
Frame reversal,
VDD, VIN = 3.7 V, 4-time
voltage multiplication
V1 - VSS= 8 V, no load
110
190
All-white
IDDIN
16-line reversal,
VDD, VIN = 5 V, 3-time
voltage multiplication
V1 - VSS= 11 V, no load
100
170
A
Frame reversal,
VDD, VIN = 5 V, 3-time
voltage multiplication
V1 - VSS= 11 V, no load
120
205
Frame reversal,
VDD, VIN = 3.7 V, 4-time
voltage multiplication
V1 - VSS= 8 V, no load
130
220
Checker
pattern
IDDIN
16-line reversal,
VDD, VIN = 5 V, 3-time
voltage multiplication
V1 - VSS= 11 V, no load
120
205
A
 Power save mode current consumption
[VSS = 0 V, Tj = 25°C]
Rated value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Sleep mode
IDDS1
VDD = 3.7 V
0.3
5
Standby mode
IDDS2
VDD = 3.7 V
9
15
A


Similar Part No. - FEDL9059E-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - FEDL9059E-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com