Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9042 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
7/58
ELECTRICAL CHARACTERISTICS
DC Characteristics
(GND = 0 V, VDD = 2.7 to 5.5 V, Ta = –40 to +85C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
“H” Input Voltage
VIH
0.8VDD
VDD
“L” Input Voltage
VIL
0
0.2VDD
V
RW/SI,
RS0/CSB, RS1,
E/SHTB,
DB0(SO) to
DB7, SP,
OSC1, BE,
ROM1S
“H” Output Voltage 1
VOH1
IOH = –0.1 mA
0.9VDD
“L” Output Voltage 1
VOL1
IOL = +0.1 mA
0.1VDD
V
DB0(SO) to
DB7
“H” Output Voltage 2
VOH2
IOH = –13 A
0.9VDD
“L” Output Voltage 2
VOL2
IOL = +13 A
0.1VDD
V
OSC2
VCH
lOCH = –4 A
V0–0.3
V0
0.012
V0
VCMH
lOCMH = 4 AV1–0.3
V1
0.012
V1+0.3
VCML
lOCML = 4 AV4–0.3
V4
0.012
V4+0.3
COM Voltage Drop
VCL
lOCL = +4 A
V0 –GND = 5 V
Note 1
GND
GND+
0.012
GND+0.3
V
COM1 to
COM17
VSH
lOSH = –4 A
V0–0.3
V0
0.012
V0
VSMH
lOSMH = 4 AV2–0.3
V2
0.012
V2+0.3
VSML
lOSML = 4 AV3–0.3
V3
0.012
V3+0.3
SEG Voltage Drop
VSL
lOSL = +4 A
V0 –GND = 5 V
Note 1
GND
GND+
0.012
GND+0.3
V
SEG1 to
SEG100
Input Leakage Current
| IIL |
VDD = 5 V, VI = 5 V or 0 V
1.0
A
E/SHTB, BE,
SP, VIN
VDD = 5 V, VI = GND
10
25
61
Input Current 1
| II1 |
VDD = 5 V, VI = VDD,
Excluding current flowing
through the pull-up resistor
and the output driving MOS
2.0
A
RW/SI,
RS0/CSB, RS1,
DB0(SO) to
DB7
VDD = 5 V, VI = VDD
15
45
105
Input Current 2
| II2 |
VDD = 5 V, VI = GND
Excluding current flowing
through the pull-down resistor
2.0
A T
1, T2, T3
Supply Current
lDD
VDD = 5 V
Note 2
1.2
mA
VDD–GND
Oscillation Frequency
of External Resistor Rf
fosc1
Rf = 85 k
2%
Note 3
175
270
400
kHz OSC1, OSC2


Similar Part No. - ML9042

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9042 OKI-ML9042 Datasheet
558Kb / 58P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ML9042-XX ETC2-ML9042-XX Datasheet
529Kb / 58P
   DOT MATRIX LCD CONTROLLER DRIVER
More results

Similar Description - ML9042

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com