Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2525N636 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T2525N636
Description  IR RECEIVER ASSP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2525N636 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T2525N636 Datasheet HTML 2Page - ATMEL Corporation T2525N636 Datasheet HTML 3Page - ATMEL Corporation T2525N636 Datasheet HTML 4Page - ATMEL Corporation T2525N636 Datasheet HTML 5Page - ATMEL Corporation T2525N636 Datasheet HTML 6Page - ATMEL Corporation T2525N636 Datasheet HTML 7Page - ATMEL Corporation T2525N636 Datasheet HTML 8Page - ATMEL Corporation T2525N636 Datasheet HTML 9Page - ATMEL Corporation T2525N636 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
T2525
4657D–AUTO–11/03
Notes:
1. xx means the used carrier frequency value f
0 30,33,36,38,40,44 ,56 kHz.(76 kHz type on request)
2. Two pad layout versions (see Figure 11 and Figure 12) available for different assembly demand
3. Integrated pull-up resistor at pin OUT (see “Electrical Characteristics”)
4. Typical data transmission rate up to bit/s with f
0 = 56 kHz, VS = 5 V (see Figure 5 on page 5)
5. yyy means kind of packaging:
.................... .......DDW -> unsawn wafers in box
.................... .......6AQ -> (only on request, TSSOP8 taped and reeled)
Pad Layout
Figure 11. Pad Layout 1 (DDW only)
Figure 12. Pad Layout 2 (DDW, SO8 or TSSOP8)
Ordering Information
Extended Type
Number
PL
(2)
R
PU
(3)
D
(4)
Type
T2525N0xx(1)-yyy(5)
2
30
2090
Standard type:
³ 10 pulses, enhanced sensibility, high data rate
T2525N1xx(1)-DDW
1
30
2090
Standard type:
³ 10 pulses, enhanced sensibility, high data rate
T2525N2xx(1)-yyy(5)
2
40
1373
Lamp type:
³ 10 pulses, enhanced suppression of disturbances, secure
data transmission
T2525N3xx(1)-DDW
1
40
1373
Lamp type:
³ 10 pulses, enhanced suppression of disturbances, secure
data transmission
T2525N6xx(1)-yyy(5)
2
30
3415
Short burst type:
³ 6 pulses, enhanced data rate
T2525N7xx(1)-DDW
1
30
3415
Short burst type:
³ 6 pulses, enhanced data rate
T2525
GND
IN
OUT
FUSING
VS
GND
IN
OUT
VS
T2525
FUSING
(1)
(3)
(6)
(5)


Similar Part No. - T2525N636

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S0xxC-DDW ATMEL-T2525S0xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S1xxC-DDW ATMEL-T2525S1xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S2xxC-DDW ATMEL-T2525S2xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
More results

Similar Description - T2525N636

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com