Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P272DE102M300A Datasheet(PDF) 9 Page - Kemet Corporation

Part # P272DE102M300A
Description  PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P272DE102M300A Datasheet(HTML) 9 Page - Kemet Corporation

Back Button P272DE102M300A Datasheet HTML 5Page - Kemet Corporation P272DE102M300A Datasheet HTML 6Page - Kemet Corporation P272DE102M300A Datasheet HTML 7Page - Kemet Corporation P272DE102M300A Datasheet HTML 8Page - Kemet Corporation P272DE102M300A Datasheet HTML 9Page - Kemet Corporation P272DE102M300A Datasheet HTML 10Page - Kemet Corporation P272DE102M300A Datasheet HTML 11Page - Kemet Corporation P272DE102M300A Datasheet HTML 12Page - Kemet Corporation P272DE102M300A Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3017_PME271YA_Y2_300 • 5/19/2016
9
Film Capacitors
AC Line EMI Suppression and RC Networks – PME271Y A–E Series Metallized Impregnated Paper, Class Y2, 300 VAC
Marking
BACK
FRONT
TOP
Capacitance
Safety Class
Voltage
Approval
Mark
Series
IEC Climatic
Category
Manufacturing
Date Code
Approval
Mark
Self
Healing


Similar Part No. - P272DE102M300A

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P272 BITECH-P272 Datasheet
158Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Kemet Corporation
P272EJ104M300A KEMET-P272EJ104M300A Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=25.4 mm
logo
Bi technologies
P272 BITECH-P272_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
More results

Similar Description - P272DE102M300A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com