Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0400LP15A0122E Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 0400LP15A0122E
Description  312-434 MHz Low Pass Filter. Lighting, Remote Control, Smart Home, Automotive Key Fobs, Location Services, AMR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0400LP15A0122E Datasheet(HTML) 2 Page - Johanson Technology Inc.

  0400LP15A0122E Datasheet HTML 1Page - Johanson Technology Inc. 0400LP15A0122E Datasheet HTML 2Page - Johanson Technology Inc. 0400LP15A0122E Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P/N: 0400LP15A0122
Detail Specification:
Page 2 of 3
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
Ver. 1.0
2016 Johanson Technology, Inc. All Rights Reserved
High Frequency Ceramic Solutions
Typical Electrical Performance (T=25°C)
Measuring Diagram
5/26/2016
312-434 MHz Low Pass Filter. Lighting, Remote Control,
Smart Home, Automotive Key Fobs, Location Services, AMR
Click here Order the SMA-ready Evaluation
Board p/n 900LP15B0063-EB1SMA:
www.johansontechnology.com/request-a-
(50ohms)
GND
GND
Network Analyzer
(50ohms)
GND
GND
Want the layout file of this? Send us a
message at:
www.johansontechnology.com/ask-a-question
Let us help with your filter (or Johanson
antenna) layout for best performance and send
us a message by clicking on the link above


Similar Part No. - 0400LP15A0122E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0400LP15A0122 JOHANSON-0400LP15A0122 Datasheet
362Kb / 3P
   312-434 MHz Low Pass Filter. Lighting, Remote Control, Smart Home, Automotive Key Fobs, Location Services, AMR, AEC-Q200 Qualified
More results

Similar Description - 0400LP15A0122E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0400LP15A0122 JOHANSON-0400LP15A0122 Datasheet
362Kb / 3P
   312-434 MHz Low Pass Filter. Lighting, Remote Control, Smart Home, Automotive Key Fobs, Location Services, AMR, AEC-Q200 Qualified
logo
Taoglas antenna solutio...
A.03.C.1001111 TAOGLAS-A.03.C.1001111 Datasheet
636Kb / 13P
   Location based services
logo
Integrated Circuit Syst...
SF0434BA02507S ICST-SF0434BA02507S Datasheet
62Kb / 2P
   434 MHz SAW Filter 4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02617S SPECTRUM-SF0434BA02617S Datasheet
97Kb / 3P
   434 MHz SAW Filter 7 MHz Bandwidth
logo
API Technologies Corp
SF0434BA02617S APITECH-SF0434BA02617S Datasheet
97Kb / 3P
   434 MHz SAW Filter 7 MHz Bandwidth
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Johanson Technology Inc...
0868LP15A020 JOHANSON-0868LP15A020 Datasheet
120Kb / 2P
   868 MHz Low Pass Filter
0915LP15B026 JOHANSON-0915LP15B026 Datasheet
88Kb / 2P
   915 MHz Low Pass Filter
0892LP07A136 JOHANSON-0892LP07A136 Datasheet
126Kb / 2P
   900 MHz Low Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com