Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7PA34FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7PA34FU
Description  Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA34FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7PA34FU Datasheet HTML 1Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 2Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 3Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 4Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 5Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 6Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 7Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7PA34FU
2002-08-21
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA34FU
Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
Features
· Operating voltage range: VCC = 1.8~3.6 V
· High-speed operation: tpd = 3.5 ns (max) at VCC = 3.0~3.6 V
tpd = 4.2 ns (max) at VCC = 2.3~2.7 V
tpd = 8.4 ns (max) at VCC = 1.8 V
· High-level output current:
IOH/IOL = ±24 mA (min) at VCC = 3.0 V
IOH/IOL = ±18 mA (min) at VCC = 2.3 V
IOH/IOL = ±6 mA (min) at VCC = 1.8 V
· High latch-up immunity: ±300 mA
· High ESD: Higher than or equal to ±200 V (JEITA)
Higher than or equal to ±2000 V (MIL)
· 3.6-V tolerant function and power-down protection provided on all inputs and outputs
Maximum Ratings (Ta = 25°C)
Note 1: VCC = 0 V
Note 2: High or Low state. The IOUT maximum rating must be adhere to.
Note 3: VOUT < GND, VOUT > VCC
Weight: 0.0068 g (typ.)
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
−0.5~4.6 (Note 1)
DC output voltage
VOUT
−0.5~VCC + 0.5
(Note 2)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50 (Note 3)
mA
DC output current
IOUT
+50
mA
Power dissipation
PD
200
mW
DC VCC/ground current
ICC
±100
mA
Storage temperature
Tstg
−65~150
°C
1A
GND
2A
1
2
3
6
4
5
1Y
VCC
2Y
Pin Assignment (top view)
Product name
E A F
Marking


Similar Part No. - TC7PA34FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
More results

Similar Description - TC7PA34FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7PAU04FU TOSHIBA-TC7PAU04FU Datasheet
152Kb / 7P
   Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC7PAU04FU TOSHIBA-TC7PAU04FU_07 Datasheet
195Kb / 7P
   Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC7SH34FS TOSHIBA-TC7SH34FS Datasheet
168Kb / 6P
   NON-INVERT BUFFER
TC7SH34FE TOSHIBA-TC7SH34FE Datasheet
148Kb / 5P
   NON-INVERT BUFFER
logo
Unisonic Technologies
U74AHC34 UTC-U74AHC34_15 Datasheet
144Kb / 5P
   NON-INVERT BUFFER
logo
Toshiba Semiconductor
TC7SET34F TOSHIBA-TC7SET34F Datasheet
174Kb / 5P
   Non-Invert Buffer
logo
Unisonic Technologies
U74AHC34 UTC-U74AHC34 Datasheet
144Kb / 5P
   NON-INVERT BUFFER
logo
Toshiba Semiconductor
TC7W34FU TOSHIBA-TC7W34FU Datasheet
187Kb / 6P
   TRIPLE NON-INVERT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com