Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7PA34FU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7PA34FU
Description  Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA34FU Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7PA34FU Datasheet HTML 1Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 2Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 3Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 4Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 5Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 6Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 7Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7PA34FU
2002-08-21
5
Dynamic Switching Characteristics (Ta
==== 25°C, input tr ==== tf ==== 2.0 ns, CL ==== 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
TYP.
Unit
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
0.25
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
0.6
Quiet Output Maximum Dynamic
VOL
VOLP
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
-0.25
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
-0.6
Quiet Output Minimum Dynamic
VOL
VOLV
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
-0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
1.5
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
1.9
Quiet Output Minimum Dynamic
VOH
VOLP
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
2.2
ns
Note 11: Characteristics guaranteed by design.
Capacitive Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
TYP.
Unit
Input Capacitance
CIN
¾
1.8, 2.5, 3.3
4
pF
Power Dissipation Capacitance
CPD
fIN = 10 MHz
(Note 12)
1.8, 2.5, 3.3
12
pF
Note 12: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2


Similar Part No. - TC7PA34FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
More results

Similar Description - TC7PA34FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7PAU04FU TOSHIBA-TC7PAU04FU Datasheet
152Kb / 7P
   Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC7PAU04FU TOSHIBA-TC7PAU04FU_07 Datasheet
195Kb / 7P
   Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC7SH34FS TOSHIBA-TC7SH34FS Datasheet
168Kb / 6P
   NON-INVERT BUFFER
TC7SH34FE TOSHIBA-TC7SH34FE Datasheet
148Kb / 5P
   NON-INVERT BUFFER
logo
Unisonic Technologies
U74AHC34 UTC-U74AHC34_15 Datasheet
144Kb / 5P
   NON-INVERT BUFFER
logo
Toshiba Semiconductor
TC7SET34F TOSHIBA-TC7SET34F Datasheet
174Kb / 5P
   Non-Invert Buffer
logo
Unisonic Technologies
U74AHC34 UTC-U74AHC34 Datasheet
144Kb / 5P
   NON-INVERT BUFFER
logo
Toshiba Semiconductor
TC7W34FU TOSHIBA-TC7W34FU Datasheet
187Kb / 6P
   TRIPLE NON-INVERT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com