Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2525N233 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T2525N233
Description  IR RECEIVER ASSP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2525N233 Datasheet(HTML) 2 Page - ATMEL Corporation

  T2525N233 Datasheet HTML 1Page - ATMEL Corporation T2525N233 Datasheet HTML 2Page - ATMEL Corporation T2525N233 Datasheet HTML 3Page - ATMEL Corporation T2525N233 Datasheet HTML 4Page - ATMEL Corporation T2525N233 Datasheet HTML 5Page - ATMEL Corporation T2525N233 Datasheet HTML 6Page - ATMEL Corporation T2525N233 Datasheet HTML 7Page - ATMEL Corporation T2525N233 Datasheet HTML 8Page - ATMEL Corporation T2525N233 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
T2525
4657D–AUTO–11/03
Pin Configuration
Figure 2. Pinning SO8 and TSSOP8
1
2
3
4
8
7
6
5
VS
NC
OUT
NC
NC
NC
GND
IN
Pin Description
Pin
Symbol
Function
1
VS
Supply voltage
2
NC
Not connected
3
OUT
Data output
4
NC
Not connected
5
IN
Input PIN diode
6
GND
Ground
7
NC
Not connected
8
NC
Not connected
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
V
S
-0.3 to +6
V
Supply current
I
S
3mA
Input voltage
V
IN
-0.3 to V
S
V
Input DC current at V
S = 5 V
I
IN
0.75
mA
Output voltage
V
O
-0.3 to V
S
V
Output current
I
O
10
mA
Operating temperature
T
amb
-25 to +85
°C
Storage temperature
T
stg
-40 to +125
°C
Power dissipation at T
amb = 25°C
P
tot
30
mW
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction ambient SO8
R
thJA
130
K/W
Junction ambient TSSOP8
R
thJA
TBD
K/W


Similar Part No. - T2525N233

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S0xxC-DDW ATMEL-T2525S0xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S1xxC-DDW ATMEL-T2525S1xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S2xxC-DDW ATMEL-T2525S2xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
More results

Similar Description - T2525N233

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com